công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3V21T2CJ-R

  • AI
    The **M3V21T2CJ-R** is a specific part number for a **Voltage Controlled Crystal Oscillator (VCXO)**, typically manufactured by companies like **Kyocera AVX** or **MtronPTI**. These components are critical for frequency control in telecommunications and data processing hardware. --- ## 1. Technical Specifications The following table summarizes the key electronic characteristics typical for this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) | | **Package Size** | 3.2mm x 5.0mm (Surface Mount) | | **Supply Voltage (Vcc)** | 3.3V (Typical) | | **Output Type** | CMOS / HCMOS | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Frequency Stability** | ±50 ppm (Typical) | | **Pullability Range** | ±100 ppm (Minimum) | --- ## 2. Key Electronic Features ### A. Voltage Control Function Unlike a standard fixed-frequency oscillator, the "V" in M3V denotes **Voltage Control**. By applying a specific voltage to Pin 1 (Control Voltage), the output frequency can be slightly adjusted ("pulled"). This is essential for: * **Phase-Locked Loops (PLLs):** Synchronizing local clocks with incoming data streams. * **Jitter Attenuation:** Smoothing out timing irregularities in high-speed circuits. ### B. CMOS Output The part provides a **CMOS-compatible output level**, meaning it produces a square wave that swings between Ground and Vcc. This makes it directly compatible with most modern Microcontrollers (MCUs) and FPGAs. ### C. Tri-State Enable/Disable This component usually features a "Tri-state" function on one of its pins. When disabled, the output goes into a high-impedance state, allowing for: * Lower power consumption. * The ability to share a bus with other clock sources (though rare for oscillators). --- ## 3. Pin Configuration For a standard 6-pad 5x3.2mm VCXO package, the pinout is generally as follows: 1. **V_control:** Voltage input to adjust frequency. 2. **Enable/Disable:** Logic input to turn the clock on/off. 3. **Case Ground:** Connection to common ground. 4. **Output:** The generated clock signal. 5. **No Connect (NC):** Or complementary output (if LVPECL). 6. **Supply Voltage (Vcc):** Power input. --- ## 4. Common Applications * **Networking:** Ethernet switches and routers. * **Broadcasting:** Video processing equipment where clock synchronization is vital. * **Wireless Infrastructure:** Base stations and small cells. * **Digital Audio:** Synchronization between digital-to-analog converters.
    ✨ Follow-up Questions
    • ⤷ What is the exact center frequency of your specific M3V21T2CJ-R unit?
    • ⤷ How does the 'pullability' range affect the design of a Phase-Locked Loop?
    • ⤷ What are the recommended bypass capacitor values for this VCXO?