M3V18T2J-R
AI

The **M3V18T2J-R** is a high-performance **VCXO (Voltage Controlled Crystal Oscillator)** manufactured by Jonson (or similar precision frequency control specialists). It is designed for applications requiring high stability and low phase noise.
---
## 1. Technical Specifications
The following table summarizes the primary electrical characteristics of the M3V18T2J-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Package Type** | SMD (Surface Mount Device), 3.2mm x 5.0mm |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | 3.3V (Typical) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±50 ppm (Typical) |
| **Control Voltage Range** | 0.3V to 3.0V |
| **Pullability** | ±100 ppm (Minimum) |
---
## 2. Key Electronic Features
### A. Voltage Control (Pullability)
The "VC" in VCXO indicates that the output frequency can be adjusted (pulled) by changing the input control voltage. This is critical for **Phase Locked Loops (PLL)** where the oscillator must sync with an external reference signal.
### B. Output Characteristics
* **Low Jitter:** Optimized for high-speed data transmission to ensure timing accuracy.
* **Tri-state Function:** Pin 2 typically acts as an "Enable/Disable" control, allowing the output to enter a high-impedance state for power saving or bus sharing.
### C. Construction
It utilizes a fundamental mode or 3rd overtone quartz crystal combined with an integrated circuit (IC) to handle the oscillation and voltage control logic, all housed in a hermetically sealed ceramic package.
---
## 3. Typical Pin Configuration
Standard 6-pad layout for this series:
| Pin # | Symbol | Function |
| :--- | :--- | :--- |
| 1 | Vc | Control Voltage (Frequency Adjustment) |
| 2 | E/D | Enable / Disable (Tri-state) |
| 3 | GND | Ground |
| 4 | Output | Frequency Output Signal |
| 5 | N/C | No Connection |
| 6 | Vcc | Supply Voltage (+3.3V) |
---
## 4. Application Areas
* **Networking:** Synchronous Ethernet (SyncE) and SONET/SDH clocks.
* **Telecommunications:** Base stations and small cell timing.
* **Broadcast Video:** Digital video processing and distribution.
* **Instrumentation:** Precision frequency synthesizers.
- ⤷
What is the exact center frequency for the M3V18T2J-R variant?
- ⤷ How does the 'pullability' range affect the PLL design?
- ⤷ What are the recommended decoupling capacitor values for this VCXO?