AI

The **M3V14VJ-R** is a specific model of a **Crystal Oscillator**, specifically a Voltage Controlled Crystal Oscillator (VCXO) manufactured by **MtronPTI**.
These components are critical for frequency control and timing in telecommunications, networking, and industrial applications.
---
### 1. Technical Specifications
The part number follows a specific nomenclature. Below is a breakdown of the typical characteristics of the M3V series:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Package Type** | 5.0 x 7.0 mm Surface Mount (SMD) |
| **Output Type** | HCMOS / TTL |
| **Supply Voltage** | 3.3V (Standard for "3V" series) |
| **Stability** | Usually ±20ppm to ±50ppm |
| **Control Voltage** | 1.65V center (0.3V to 3.0V range) |
| **RoHS Compliance** | Yes (Indicated by the "-R" suffix) |
---
### 2. Component Pinout (Typical)
For the 5.0 x 7.0 mm 6-pad package, the pin configuration is generally as follows:
1. **Pin 1 (V_control):** The voltage applied here adjusts the output frequency.
2. **Pin 2 (Tri-state):** Enable/Disable function.
3. **Pin 3 (Case Ground):** Connected to the negative supply.
4. **Pin 4 (Output):** The generated clock signal.
5. **Pin 5 (N/C):** No connection (or complementary output in some models).
6. **Pin 6 (Vcc):** Positive supply voltage (+3.3V).
---
### 3. Key Electronic Principles
* **Voltage Control (VCXO):** Unlike a standard crystal which has a fixed frequency, the M3V14VJ-R allows the user to "pull" the frequency slightly higher or lower by changing the voltage on Pin 1. This is vital for Phase Locked Loops (PLLs).
* **HCMOS Output:** The output provides a rail-to-rail square wave, making it directly compatible with most modern microcontrollers and FPGAs.
* **Low Jitter:** As a precision timing component, it is designed to have very low phase noise, ensuring data integrity in high-speed communication.
---
### 4. Common Applications
* **Phase Locked Loops (PLL):** Used to synchronize the clock of a local system with an incoming data stream.
* **Telecommunications:** Base stations, SONET/SDH, and ATM switching.
* **Video Systems:** Digital video broadcast and processing where precise frame timing is required.
---
### 5. Part Number Decoding Example
If we break down the MtronPTI coding logic:
* **M3V:** Series (VCXO, 3.3V, 5x7mm).
* **14:** Frequency Stability code (e.g., ±25ppm).
* **V:** Operating Temperature range (e.g., -40°C to +85°C).
* **J:** Pullability range (e.g., ±100ppm min).
* **-R:** RoHS compliant.
- ⤷
What is the exact frequency of your specific M3V14VJ-R unit?
- ⤷ How do I calculate the pull range for this VCXO?
- ⤷ What are the recommended decoupling capacitor values for Pin 6?