M3V14T2CJ-R
AI

The **M3V14T2CJ-R** is a specific part number belonging to a series of **Voltage Controlled Crystal Oscillators (VCXO)**, typically manufactured by companies like MtronPTI. These components are critical for frequency control and timing in telecommunications and data processing hardware.
---
### 1. Component Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) |
| **Output Type** | HCMOS / TTL Compatible |
| **Package Size** | 9x14 mm J-Lead (Surface Mount) |
| **Voltage Supply** | 3.3V (indicated by the "3V" prefix) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Frequency Range** | Typically 1.000 MHz to 160.000 MHz |
---
### 2. Key Electronic Features
The M3V14T2CJ-R is designed for precision and stability. Its primary electronic functions include:
* **Voltage Control (V_c):** It allows the output frequency to be "pulled" or adjusted by applying a small DC voltage to a control pin. This is essential for Phase Locked Loops (PLL).
* **Tri-state Function:** The "T" in the suffix usually indicates a Tri-state (Enable/Disable) function, allowing the output to be disconnected electronically to save power or prevent bus contention.
* **Low Jitter:** Designed for high-speed data transmission where timing errors must be minimized.
* **J-Lead Packaging:** The "CJ" refers to the ceramic package with J-leads, which provides excellent thermal expansion matching to PCB materials and protects the internal quartz crystal.
---
### 3. Common Applications
These oscillators are used in circuits requiring precise synchronization:
1. **Telecommunications:** Base stations, SONET/SDH, and clock recovery circuits.
2. **Networking:** High-speed routers and switches where signal integrity is paramount.
3. **Video Systems:** Digital video processing and broadcast equipment.
4. **Frequency Synthesis:** Acting as the reference clock in complex frequency generation systems.
---
### 4. Typical Connection Diagram
When integrating this part into a circuit, the pinout generally follows this standard:
```markdown
Pin 1: Control Voltage (Vc) - Adjusts frequency
Pin 2: Enable/Disable (Tri-state)
Pin 3: Ground (GND)
Pin 4: Output (HCMOS Signal)
Pin 5: No Connection (NC)
Pin 6: Supply Voltage (Vdd - 3.3V)
```
- ⤷
What is the maximum frequency pulling range for this VCXO series?
- ⤷ How does the Tri-state function affect power consumption in this part?
- ⤷ Are there alternative packages for the M3V series if the 9x14mm J-Lead is too large?