M3V13TAJ-R
AI

The **M3V13TAJ-R** is a high-performance **Voltage Controlled Crystal Oscillator (VCXO)** manufactured by MtronPTI. It is designed for precision timing and frequency control in telecommunications and networking hardware.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Supply Voltage (Vcc)** | 3.3 V |
| **Package Style** | Surface Mount (SMD), 6-pad |
| **Frequency Range** | Typically 1.5 MHz to 170 MHz (specific to sub-model) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±20 ppm to ±50 ppm |
---
### 2. Core Functional Components
The "electronic parts" within this specific module work together to provide a stable, tunable frequency:
1. **Quartz Crystal Resonator:** The heart of the device, providing the fundamental frequency through mechanical vibration.
2. **Varactor Diode:** This acts as a variable capacitor. By changing the voltage on the "Control Voltage" pin, the capacitance changes, which slightly pulls the crystal frequency up or down.
3. **LVPECL Output Driver:** A high-speed differential output stage. LVPECL is used because it provides excellent noise immunity and very low jitter, which is critical for high-speed data transmission.
4. **Voltage Regulator/Bias Circuitry:** Internal circuitry that ensures the internal oscillator remains stable even if there are slight fluctuations in the input power supply.
---
### 3. Pin Configuration (Typical 6-Pad SMD)
| Pin # | Function | Description |
| :--- | :--- | :--- |
| **1** | **Control Voltage** | The input voltage used to "pull" or adjust the frequency. |
| **2** | **Enable/Disable** | Allows the output to be turned on or off for power saving. |
| **3** | **GND** | Circuit ground. |
| **4** | **Output** | Main LVPECL frequency output. |
| **5** | **Complementary Output** | Inverted LVPECL output (for differential signaling). |
| **6** | **Vcc** | +3.3V Power Supply. |
---
### 4. Typical Applications
* **SONET/SDH/ATM:** Synchronization in fiber optic networks.
* **Phase Locked Loops (PLL):** Used as the tunable element in frequency synthesis.
* **Wireless Base Stations:** Providing stable clock signals for cellular infrastructure.
* **Ethernet Switches:** High-speed data clocking.
- ⤷What is the difference between a standard XO and this VCXO?
- ⤷ What is the frequency pulling range for the M3V series?
- ⤷ How should the LVPECL output be terminated in a circuit?