M3V13T2J-R
AI

The **M3V13T2J-R** is a high-performance **Voltage Controlled Crystal Oscillator (VCXO)** manufactured by **NDK (Nihon Dempa Kogyo)**. It is part of the M3V series, designed for high-frequency stability and low phase jitter in telecommunications and data networking applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Device Type** | Voltage Controlled Crystal Oscillator (VCXO) |
| **Output Type** | CMOS |
| **Supply Voltage ($V_{CC}$)** | +3.3V DC |
| **Frequency Range** | 1.5 MHz to 54 MHz (Specific to model variant) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Size** | 7.0 x 5.0 mm (6-pad SMD) |
| **Frequency Stability** | ±50 ppm (Standard, includes temperature and aging) |
---
### 2. Internal Electronic Components & Function
The device is an integrated module consisting of three primary electronic sections:
1. **Crystal Resonator:** A high-precision quartz crystal cut to a specific frequency. This acts as the mechanical heart of the clock signal.
2. **Varactor Diode:** An electronic component that changes its capacitance based on the voltage applied to the **Control Voltage (Vcont)** pin. This allows the user to "pull" or fine-tune the output frequency.
3. **Oscillator IC:** A low-noise CMOS Integrated Circuit that maintains the oscillation of the crystal and buffers the output signal to drive external loads.
---
### 3. Pin Configuration (6-Pad Layout)
| Pin # | Name | Description |
|:---:|:---|:---|
| **1** | **$V_{cont}$** | Control Voltage (Input to adjust frequency) |
| **2** | **OE** | Output Enable (High = Active; Low = High Impedance) |
| **3** | **GND** | Ground |
| **4** | **OUT** | Clock Signal Output (CMOS) |
| **5** | **NC** | No Connection |
| **6** | **$V_{CC}$** | Power Supply (+3.3V) |
---
### 4. Applications
The M3V13T2J-R is typically used in circuits where the clock signal must be synchronized with an external reference or where slight frequency adjustments are needed to maintain data alignment:
* **Phase-Locked Loops (PLL):** Used as the adjustable clock source.
* **Networking Gear:** Switches, routers, and base stations.
* **Digital Video:** Synchronizing audio/video bitstreams to prevent frame drops.
* **SDH/SONET:** Telecommunication synchronization.
---
### 5. Part Number Breakdown
* **M3V:** Series Name (3.3V VCXO).
* **13:** Specific Frequency Stability/Pulling Range characteristic.
* **T2J:** Package and Temperature code.
* **-R:** Denotes "Tape and Reel" packaging for automated assembly.
- ⤷
What is the typical frequency pulling range for the M3V series?
- ⤷ How does the Output Enable (OE) pin affect power consumption?
- ⤷ What are the recommended bypass capacitor values for the Vcc pin?