M3V12T2CJ-R
AI

The **M3V12T2CJ-R** is a specific part number for a **Voltage Controlled Crystal Oscillator (VCCO/VCXO)** manufactured by **Microchip Technology** (formerly under the MtronPTI or Vectron brand umbrellas).
Below is the detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
The M3V series is designed for high-precision timing applications where the output frequency needs to be adjusted or "pulled" by an external control voltage.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Package Type** | 3.2mm x 5.0mm (SMD) |
| **Output Type** | HCMOS / TTL |
| **Supply Voltage ($V_{dd}$)** | 3.3V (Typical) |
| **Mounting Type** | Surface Mount (SMT) |
---
## 2. Part Number Breakdown
While manufacturer coding can vary slightly by production year, the "M3V" prefix typically follows this logic:
* **M3V**: Series designation (3.2x5mm SMD, 3.3V VCXO).
* **12**: Frequency Stability (often represents ±25ppm or ±50ppm depending on the specific datasheet revision).
* **T**: Operating Temperature Range (Commonly -40°C to +85°C for industrial grade).
* **2**: Pullability range (The amount the frequency can be shifted, e.g., ±100ppm).
* **CJ**: Output and Enable/Disable configuration.
* **-R**: RoHS Compliant / Tape and Reel packaging.
---
## 3. Key Electronic Parameters
### A. Frequency Control (Voltage Control)
The "VC" in VCXO means the device has a control pin (usually Pin 1). By applying a voltage (typically between 0.3V and 3.0V), the user can fine-tune the output frequency to synchronize with a system clock or a GPS signal.
### B. Output Characteristics
* **Logic Levels:** Compatible with standard CMOS circuits.
* **Drive Capability:** Usually capable of driving a 15pF load.
* **Rise/Fall Time:** Fast switching speeds (typically <5ns) to ensure signal integrity in high-speed digital circuits.
### C. Jitter and Phase Noise
As a precision timing component, it is engineered for **low phase jitter**, making it suitable for telecommunications and data transfer protocols where timing errors can lead to data loss.
---
## 4. Typical Applications
The M3V12T2CJ-R is commonly found in the following systems:
1. **Phase Locked Loops (PLLs):** Used to lock onto an external frequency source.
2. **Networking Equipment:** Switches, routers, and base stations (SONET/SDH).
3. **Video Systems:** Syncing audio and video streams in broadcast hardware.
4. **Frequency Synthesis:** Generating stable local oscillator signals.
---
- ⤷
What is the exact center frequency of your specific M3V12T2CJ-R unit?
- ⤷ How do I calculate the control voltage slope for this VCXO?
- ⤷ What are the pinout assignments for a standard 3.2x5mm VCXO package?