công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3SXT-5V3-R

  • AI
    The **M3SXT-5V3-R** is a specific part number typically associated with high-performance **Crystal Oscillators**, specifically falling under the category of **TCXOs** (Temperature Compensated Crystal Oscillators) or standard clock oscillators used in telecommunications and high-speed data applications. Below is a detailed breakdown of its electronic specifications and components. --- ### 1. General Specifications The part number follows a standard nomenclature for frequency control devices. Here is the technical breakdown: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Crystal Oscillator | Provides a stable clock signal for digital circuits. | | **Supply Voltage** | 3.3V to 5.0V | Versatile voltage range (Check specific datasheet for fixed vs. wide range). | | **Frequency Stability** | High Precision | Often used where standard crystals lack sufficient accuracy over temperature. | | **Package Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | | **Output Type** | CMOS / HCMOS | Standard logic level output compatible with most MCUs and FPGAs. | --- ### 2. Key Electronic Components & Internal Architecture A part like the M3SXT-5V3-R is more than just a piece of quartz. It is an integrated module containing: 1. **Quartz Crystal Blank:** The mechanical heart of the device that vibrates at a specific frequency via the piezoelectric effect. 2. **Oscillator IC:** An application-specific integrated circuit (ASIC) that sustains the oscillation and manages the output buffer. 3. **Compensation Circuitry:** (If TCXO) Includes a thermistor-based network or digital compensation to counteract frequency "drift" caused by temperature changes. 4. **Bypass Capacitors:** Internal capacitors to filter noise from the power supply line. --- ### 3. Pinout Configuration Most oscillators in this series use a standard 4-pin or 6-pin footprint: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tri-state) or No Connect. | | **2** | GND | Ground connection. | | **3** | Output | The generated clock signal (Square wave). | | **4** | Vdd | Positive power supply input. | --- ### 4. Common Applications Due to the stability and voltage characteristics of this series, it is commonly found in: * **Networking Hardware:** Routers, switches, and modems. * **Embedded Systems:** High-speed microcontrollers requiring precise timing for UART/USB communication. * **Industrial Control:** PLCs and sensors where temperature fluctuations occur. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for this specific part number?
    • ⤷ How does a TCXO differ from a standard crystal (XO) in terms of stability?
    • ⤷ Is the M3SXT-5V3-R compatible with 1.8V logic systems?