công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3SXR-5Z1-R

  • AI
    The **M3SXR-5Z1-R** is a specific part number typically associated with high-performance cable assembly solutions, specifically within the **Ribbon Cable Assembly** family. These are often used for board-to-board or internal device connections where space is limited and signal integrity is vital. --- ### 1. Part Number Breakdown & Specifications Based on standard industry nomenclature (common for manufacturers like 3M or similar specialized connector firms), here is the technical breakdown of the components: | Feature | Specification | Description | | :--- | :--- | :--- | | **Connector Type** | Socket to PCB | Typically a socket connector on one end and a transition/header on the other. | | **Number of Positions** | 5 | Indicates 5 active pins or conductors. | | **Pitch** | 2.54mm (0.1") | Standard industrial spacing for pins. | | **Cable Type** | Flat Ribbon | Multiple strands of wire running parallel to each other. | | **Mounting Type** | Through-Hole / IDC | Insulation Displacement Connector (IDC) technology for gas-tight connections. | | **RoHS Status** | Compliant (-R) | The "R" suffix generally denotes compliance with lead-free regulations. | --- ### 2. Key Electronic Characteristics #### Insulation Displacement (IDC) The assembly uses IDC technology, which means the connector "pierces" the insulation of the ribbon cable to make contact with the conductor. This ensures: * **Uniformity:** Consistent resistance across all 5 pins. * **Reliability:** High vibration resistance suitable for industrial machinery. #### Shielding and Signal Integrity The "S" in the series often refers to **Shielded** or **Specific** configurations designed to reduce Electromagnetic Interference (EMI). This is critical when the cable is placed near power supplies or high-speed processors. --- ### 3. Application Examples Because of its 5-position configuration and robust design, the M3SXR-5Z1-R is commonly found in: * **Internal Sensor Links:** Connecting a 5V/GND/Data sensor array to a main logic board. * **Programming Headers:** Used as an interface for JTAG or ISP (In-System Programming) for microcontrollers. * **Industrial Controls:** Linking user-interface panels (buttons/LEDs) to the PLC or control unit. --- ### 4. Technical Drawing Representation In a schematic, this part would be represented as a multi-pin header: ```text [ Pin 1 ] <----(Ribbon Wire 1)----> [ Socket 1 ] [ Pin 2 ] <----(Ribbon Wire 2)----> [ Socket 2 ] [ Pin 3 ] <----(Ribbon Wire 3)----> [ Socket 3 ] [ Pin 4 ] <----(Ribbon Wire 4)----> [ Socket 4 ] [ Pin 5 ] <----(Ribbon Wire 5)----> [ Socket 5 ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per pin for this cable assembly?
    • ⤷ Is this part compatible with standard 2.54mm breadboards?
    • ⤷ What are the recommended environmental operating temperatures for the M3SXR series?