M3SWVS-G5Y-R
AI

The part number **M3SWVS-G5Y-R** identifies a specific **Flat Ribbon Cable Assembly** manufactured by **3M**. This type of component is used for internal board-to-board connections where space is limited and high signal integrity is required.
---
### 1. Component Specifications
The following table breaks down the technical characteristics based on the part number nomenclature:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | 3M |
| **Connector Type** | Socket to Card Edge |
| **Number of Positions** | 50 |
| **Length** | 0.500' (152.40mm, 6.00") |
| **Pitch - Connector** | 0.100" (2.54mm) |
| **Pitch - Cable** | 0.050" (1.27mm) |
| **Color** | Multiple, Twisted Pair (Flat) |
| **Shielding** | Unshielded |
| **Usage** | Internal Board-to-Board or Board-to-Peripheral |
---
### 2. Breakdown of the Part Number
3M uses a systematic approach to their cable assembly numbering. Here is a general decoding of the **M3SWVS** series logic:
* **M3**: Refers to the manufacturer series (3M).
* **SW**: Denotes the connector type at the first end (usually a Socket).
* **VS**: Denotes the connector type at the second end (usually a Card Edge connector).
* **G5Y**: Represents the specific cable type (often 3602 series) and the length (G5 usually mapping to a 6-inch specification).
* **R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 3. Key Electronic Features
The **M3SWVS-G5Y-R** is engineered for specific electronic environments:
1. **IDC Technology**: It utilizes **Insulation Displacement Connectors**. The metal pins pierce the cable insulation to make contact with the conductor without stripping the wire, ensuring a gas-tight, reliable connection.
2. **Twisted Pair/Flat Hybrid**: The "G" designation often refers to cable that is twisted in pairs to reduce **Crosstalk** (interference between adjacent wires) but flattened at the termination points for easy connector mass-termination.
3. **Signal Integrity**: Because it uses a 0.050" pitch cable with a 0.100" pitch connector, it is standard for older SCSI interfaces or modern industrial PLC (Programmable Logic Controller) internal wiring.
---
### 4. Typical Applications
* **Industrial Automation**: Connecting sensors to a main control board via card edge slots.
* **Computing**: Legacy peripheral connections or internal server backplanes.
* **Test Equipment**: Connecting internal PCB modules where vibration resistance is necessary.
- ⤷What is the difference between a Socket and a Card Edge connector in this assembly?
- ⤷ Can this cable assembly be customized for different lengths?
- ⤷ What are the voltage and current ratings for the 3M M3 series cables?