M3STV-5W4W-R
AI

The **M3STV-5W4W-R** is a specific part number typically associated with the **M3 Series** of precision electronic components, most commonly identified as a high-quality **multi-turn trimmer potentiometer** (variable resistor) or a specific **rotary switch assembly**, depending on the manufacturer (often associated with brands like Copal Electronics or Nidec).
Below is a breakdown of the electronic specifications and characteristics generally associated with this part series.
---
### 1. Technical Specifications
The part is designed for precision adjustment within electronic circuits.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Multi-turn Trimmer / Precision Potentiometer |
| **Resistance Range** | Typically available from 10Ω to 2MΩ (Check specific suffix for value) |
| **Power Rating** | Generally 0.25W to 0.5W at 70°C |
| **Tolerance** | ±10% or ±20% |
| **Adjustment Turns** | 3 to 5 Turns (Model dependent) |
| **Mounting Type** | Through-hole (Vertical/Horizontal options) |
---
### 2. Physical Construction
The "5W4W" designation in the part number often refers to the physical lead configuration and the orientation of the adjustment screw.
* **Housing:** Usually made of high-temperature, UL94V-0 rated plastic to withstand soldering processes.
* **Sealing:** These units are typically **sealed** (O-ring or epoxy) to allow for board washing/cleaning after soldering without contaminating the resistive element.
* **Wiper Material:** Often utilizes a cermet (ceramic-metal) element for high stability and low noise.
---
### 3. Pinout and Schematic Representation
The device functions as a variable voltage divider. In a standard 3-pin configuration:
```text
Pin 1 (CCW) ----[ Fixed Resistance ]---- Pin 3 (CW)
|
Pin 2 (Wiper)
```
1. **Pin 1 & 3:** The total resistance of the component.
2. **Pin 2:** The adjustable output that moves along the resistive track as the screw is turned.
---
### 4. Common Applications
Due to its "multi-turn" nature, this part is used where fine-tuning is required:
* **Calibration:** Setting reference voltages in power supplies.
* **Instrumentation:** Adjusting gain or offset in operational amplifier (Op-Amp) circuits.
* **Sensors:** Fine-tuning the threshold of a comparator or sensor module.
* **Telecom:** Matching impedance or signal levels in communication equipment.
---
### 5. Part Number Breakdown (Typical)
While naming conventions vary by manufacturer, the "R" suffix usually denotes **RoHS Compliance** or **Tape & Reel** packaging.
* **M3:** Series designation (Size/Form factor).
* **STV:** Style (e.g., Side adjust, Top adjust, Vertical mount).
* **5W4W:** Specific mechanical dimensions/Lead spacing.
* **-R:** Environmental compliance (Lead-free).
- ⤷
What is the exact resistance value for this specific model number?
- ⤷ Is there a surface-mount (SMD) equivalent for the M3STV series?
- ⤷ Can this part be used in high-vibration environments?