công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H78TDD-R

  • AI
    The **M3H78TDD-R** is a specific part number belonging to the **M3H series** of microcontrollers developed by **Toshiba**. This series is based on the Arm® Cortex®-M3 core and is designed for high-performance control applications, particularly in motor control and industrial automation. --- ### 1. Key Technical Specifications The "M3H" group is part of Toshiba’s **TXZ™ Family**. Below are the core technical characteristics typically associated with this part: | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M3 | | **Max Operating Frequency** | 40 MHz to 120 MHz (depending on specific revision) | | **Operating Voltage** | 2.7V to 5.5V (Wide range for industrial use) | | **Memory (Flash)** | Varies by sub-model (Typically 128KB to 512KB) | | **SRAM** | 32KB to 64KB | | **Package Type** | LQFP (Low-profile Quad Flat Package) | --- ### 2. Functional Blocks The electronics within the M3H78TDD-R are organized into several functional segments: #### A. Advanced Communication Interfaces * **UART/SIO:** For serial data transmission. * **I2C:** Multi-master capability for peripheral sensors. * **TSPI:** High-speed Toshiba Serial Peripheral Interface. #### B. Analog-to-Digital Conversion (ADC) * Equipped with a **12-bit ADC**. * Features high-speed conversion rates (approx. 1.0 $\mu$s), essential for monitoring real-time sensor feedback in motor systems. #### C. Timer and Control Functions * **A-PMD (Advanced Programmable Motor Control):** A specialized hardware block that handles PWM (Pulse Width Modulation) generation for 3-phase motors. * **A-ENC (Advanced Encoder Interface):** Used for precise positioning by processing signals from incremental encoders. --- ### 3. Application Areas The electronic design of this chip makes it ideal for the following sectors: 1. **Consumer Electronics:** Washing machines, air conditioners (inverter control). 2. **Industrial Automation:** Conveyor belts, robotic arms, and PLCs. 3. **Power Management:** Digital power supply control. --- ### 4. Part Number Breakdown (Naming Convention) | Code | Meaning | | :--- | :--- | | **M3H** | Arm Cortex-M3 High-performance Group | | **78** | Specific Pin count/Memory density indicator | | **T** | Temperature range / Technology variant | | **DD** | Package identifier (LQFP) | | **-R** | Packaging format (Typically indicates Tape & Reel) | ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the M3H78TDD-R in sleep mode?
    • ⤷ Does this microcontroller support CAN bus communication?
    • ⤷ Which development tools or IDEs are compatible with Toshiba TXZ series microcontrollers?