M3H78FDD-R
AI

The **M3H78FDD-R** belongs to the **M3H series** of microcontrollers developed by Toshiba. This series is built on the high-performance **ARM® Cortex®-M3** core and is specifically designed for high-speed data processing, motor control, and industrial automation.
---
### 1. Core Technical Specifications
The "M3H" group is optimized for precision control. Below are the primary electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Core Architecture** | ARM® Cortex®-M3 |
| **Maximum Frequency** | Up to 40 MHz - 120 MHz (Model dependent) |
| **Supply Voltage** | 2.7V to 5.5V (Single supply) |
| **Package Type** | LQFP (Low-profile Quad Flat Package) |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Key Internal Components
The electronic architecture of the M3H78FDD-R integrates several critical peripherals to handle complex analog and digital tasks:
#### A. Memory Subsystem
* **Flash Memory:** Integrated high-speed flash for program storage.
* **SRAM:** Dedicated internal RAM for data handling and stack operations.
#### B. Precision Analog Front-End
* **12-bit ADC:** High-speed Analog-to-Digital converters (multiple channels) for sensor data acquisition.
* **DAC:** Digital-to-Analog converters for waveform generation or reference voltages.
#### C. Specialized Timers (TKK)
* Equipped with **Advanced Programmable Motor Control (A-PMD)**.
* Supports 3-phase PWM output with dead-time insertion, essential for driving inverter circuits and brushless DC (BLDC) motors.
#### D. Communication Interfaces
* **UART / I2C / SPI:** Standard serial communication for interfacing with external sensors or other MCUs.
* **Remote Control Signal Preprocessor:** Integrated hardware to decode infrared or remote signals without CPU overhead.
---
### 3. Application Use Cases
Due to its 5V operation capability and robust ARM core, this part is commonly found in:
1. **Consumer Electronics:** Washing machines, air conditioners (inverter control).
2. **Industrial Equipment:** Small-scale PLC logic, motor drives, and sensor hubs.
3. **Office Automation:** Printers and scanners requiring precise motor positioning.
---
### 4. Part Number Breakdown (Nomenclature)
* **M3H:** Toshiba TXZ Family (Cortex-M3 High-speed line).
* **78:** Specific sub-group/pin-count identifier.
* **FDD:** Memory density code (Flash size).
* **R:** Packaging/Tape & Reel designation.
- ⤷
What are the specific Flash and RAM sizes for the FDD density code?
- ⤷ Does this microcontroller support CAN bus communication?
- ⤷ What development tools or IDEs are compatible with the Toshiba M3H series?