M3H76FAG-R
AI

## Technical Overview: M3H76FAG-R
The **M3H76FAG-R** is a high-performance power semiconductor, specifically a N-channel Power MOSFET developed by **Renesas Electronics**. It is designed primarily for automotive applications, utilizing the Low Voltage (LV) power MOSFET technology to handle high current loads with high efficiency.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | N-Channel MOSFET |
| **Drain-Source Voltage ($V_{DSS}$)** | 40 V |
| **Gate-Source Voltage ($V_{GSS}$)** | ±20 V |
| **Continuous Drain Current ($I_D$)** | Up to 100 A (subject to thermal limits) |
| **On-State Resistance ($R_{DS(on)}$)** | Typically < 1.0 mΩ (ultra-low resistance) |
| **Package Type** | HPAK (High Power Leadless Package) |
| **Qualification** | AEC-Q101 (Automotive Grade) |
---
### 2. Core Features
* **Ultra-Low On-Resistance ($R_{DS(on)}$):** This part is optimized for minimal power loss during conduction. By keeping resistance extremely low, the component generates less heat, allowing for higher efficiency in power conversion.
* **High Avalanche Ruggedness:** It is designed to withstand transient voltage spikes (avalanche energy) without failure, which is critical in automotive environments where inductive loads are common.
* **Logic Level Drive:** The device can be fully turned on with standard logic-level gate voltages, simplifying the drive circuitry.
* **HPAK Package:** The "R" suffix often denotes the packaging style. The HPAK is a surface-mount package designed for excellent thermal dissipation through a large exposed pad on the bottom.
---
### 3. Application Areas
The M3H76FAG-R is commonly found in heavy-duty automotive electronics, including:
1. **Electric Power Steering (EPS):** Controlling the high-current motors that assist steering.
2. **Battery Management Systems (BMS):** Serving as a high-current switch for battery protection and isolation.
3. **DC-DC Converters:** Used in switching regulators to step down voltage for on-board electronics.
4. **Motor Drives:** Driving fans, pumps, and other auxiliary motors in internal combustion or electric vehicles.
---
### 4. Comparison to Similar Parts
| Feature | M3H76FAG-R | Standard Power MOSFET |
| :--- | :--- | :--- |
| **Reliability** | Automotive Grade (AEC-Q101) | Consumer Grade |
| **Thermal Efficiency** | Superior (HPAK Design) | Moderate (TO-220/DPAK) |
| **Conduction Loss** | Extremely Low | Moderate to High |
- ⤷
What is the maximum operating temperature for the M3H76FAG-R?
- ⤷ Can you provide a comparison between HPAK and D2PAK packages?
- ⤷ How does the AEC-Q101 qualification affect its usage in non-automotive projects?