M3H75FBG-R
AI

The **M3H75FBG-R** is a high-performance power semiconductor, specifically an **N-Channel Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). This component is designed for efficient power switching and conversion in automotive and industrial applications.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the M3H75FBG-R:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 75V |
| **Continuous Drain Current** | $I_D$ | 120A - 150A (Depending on cooling) |
| **On-Resistance** | $R_{DS(on)}$ | ~2.5 mΩ to 3.5 mΩ |
| **Gate-Source Voltage** | $V_{GS}$ | ±20V |
| **Package Type** | Package | TO-263 (D2PAK) or similar surface mount |
| **Operating Temperature** | $T_j$ | -55°C to 175°C |
---
### 2. Functional Characteristics
The "M3" series usually refers to a specific generation of trench technology, which optimizes the internal structure for better performance:
* **Low $R_{DS(on)}$:** The extremely low internal resistance reduces power loss during the "ON" state, which prevents the device from overheating and improves overall system efficiency.
* **High Current Handling:** Capable of managing high surge currents, making it suitable for motor control and battery management.
* **AEC-Q101 Qualified:** Often used in automotive environments, meaning it is tested for high reliability under extreme vibration and temperature fluctuations.
* **Fast Switching:** Optimized gate charge ($Q_g$) allows for rapid transitions between ON and OFF states, which is critical for High-Frequency PWM (Pulse Width Modulation).
---
### 3. Typical Applications
The M3H75FBG-R is commonly integrated into the following systems:
1. **Automotive Power Train:** Used in 48V mild-hybrid systems and DC-DC converters.
2. **Motor Drives:** Controlling BLDC (Brushless DC) motors in power tools or electric fans.
3. **Load Switching:** Acting as a solid-state relay to turn high-power loads on and off.
4. **Battery Management Systems (BMS):** Providing protection and cell balancing for lithium-ion battery packs.
---
### 4. Schematic Representation
In a circuit diagram, the part is represented as an N-Channel MOSFET with three pins:
`G` = **Gate** (Control signal input)
`D` = **Drain** (Connected to the load/high voltage)
`S` = **Source** (Connected to ground or common return)
```text
(D) Drain
|
--+--
| |--- (G) Gate
--+--
|
(S) Source
```
- ⤷
What are the cooling requirements for the M3H75FBG-R at maximum current?
- ⤷ How does its Rds(on) change with temperature?
- ⤷ Is there a P-channel equivalent for complementary circuit designs?