M3H73FAG-R
AI

The **M3H73FAG-R** is a specific part number belonging to the **M3H Group** of microcontrollers within Toshiba’s **TXZ+™ Family Advanced Series**. These microcontrollers are based on the ARM® Cortex®-M3 core and are designed for high-performance motor control and consumer electronics.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Max Operating Frequency** | 120 MHz |
| **Flash Memory** | 128 KB |
| **RAM** | 16 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP64 (10mm x 10mm) |
| **Temperature Range** | -40°C to 85°C |
---
### 2. Functional Blocks and Features
#### A. High-Precision Analog
* **ADC (Analog-to-Digital Converter):** It features a high-speed 12-bit ADC (approx. 1.5 $\mu$s conversion time) used for precise sensor readings in motor control.
* **DAC (Digital-to-Analog Converter):** Includes 8-bit DAC channels for signal generation.
#### B. Motor Control Peripherals
* **A-PMD (Advanced Programmable Motor Driver):** A specialized hardware block that handles PWM generation for 3-phase BLDC motor control, reducing CPU load.
* **A-ENC (Advanced Encoder Input Circuit):** Supports incremental encoder inputs for position and speed sensing.
#### C. Connectivity and I/O
* **UART/SIO:** Up to 4 channels for serial communication.
* **I2C:** Supports multi-master mode.
* **TSPI:** Toshiba Serial Peripheral Interface for high-speed data exchange.
---
### 3. Application Use Cases
The M3H73FAG-R is optimized for scenarios where low power consumption and high-speed processing are required simultaneously:
1. **Home Appliances:** Washing machines, refrigerators, and air conditioners (inverter control).
2. **Industrial Equipment:** Small-scale factory automation and pump controllers.
3. **Office Automation:** Printers and scanners where motor precision is critical.
---
### 4. Naming Convention Breakdown
The part number follows Toshiba’s standard coding:
* **M3H:** ARM Cortex-M3 High-speed group.
* **7:** Refers to the specific functional pin count and memory density scale.
* **3:** Indicates Flash memory size (128KB).
* **FAG:** Package and feature set identifier.
* **-R:** Indicates "RoHS compliant" or "Reel" packaging for automated assembly.
- ⤷
What are the power consumption characteristics of the M3H73FAG-R in sleep mode?
- ⤷ Does this microcontroller support CAN bus communication?
- ⤷ Which development tools or IDEs are compatible with the TXZ+ series?