công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H68TDD-R

  • AI
    The **M3H68TDD-R** is a specific part number for a **high-speed DDR3 SDRAM module**, typically manufactured by Micron Technology. This component is designed for use in embedded systems, networking equipment, and high-performance computing. --- ### 1. Key Technical Specifications The following table highlights the primary electronic characteristics of the M3H68TDD-R: | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR3 SDRAM | | **Density** | 2 Gigabits (2Gb) | | **Voltage (VDD/VDDQ)** | 1.5V (Standard DDR3) | | **Configuration** | 128 Meg x 16 (Typical internal layout) | | **Clock Frequency** | Up to 800 MHz (DDR3-1600) | | **Data Rate** | Up to 1600 MT/s | | **Operating Temp** | Industrial or Commercial (depends on suffix) | | **Package** | 96-ball FBGA | --- ### 2. Functional Electronic Components The chip consists of several internal sub-systems that manage data storage and retrieval: * **Memory Array:** Organized into 8 internal banks. This is where the actual data is stored in capacitors. * **Differential Clock Inputs (CK, CK#):** Used to synchronize data transfers on both the rising and falling edges of the clock signal. * **Bi-directional Data Strobe (DQS):** Acts as a "pilot" signal to synchronize data (DQ) with the controller during reads and writes. * **On-Die Termination (ODT):** Internal resistors that improve signal integrity by preventing reflections on the data bus. * **Refresh Logic:** Since it is "Dynamic" RAM (DRAM), it contains circuitry to periodically refresh the charge in the capacitors to prevent data loss. --- ### 3. Pinout and Interface Features The **96-ball FBGA (Fine-pitch Ball Grid Array)** interface includes several categories of pins: 1. **Address Pins (A0–A13):** Used to select specific rows and columns within the memory banks. 2. **Data Pins (DQ0–DQ15):** The 16-bit wide data bus used for input and output. 3. **Command Pins (RAS#, CAS#, WE#):** Determine the operation to be performed (Read, Write, Precharge, etc.). 4. **Power Supply (VDD/VSS):** Provides the necessary electrical potential and grounding for the internal logic. --- ### 4. Application Context The "R" suffix often denotes specific packaging or lead-free (RoHS) compliance. These parts are commonly found in: * Digital Signal Processors (DSPs) * FPGA-based acceleration boards * High-end routers and switches * Set-top boxes
    ✨ Follow-up Questions
    • ⤷What is the difference between the M3H68TDD-R and DDR3L low-voltage variants?
    • ⤷ Can you provide the specific pin mapping for the 96-ball FBGA package?
    • ⤷ What are the timing parameters (CAS latency) for this specific memory part?