M3H65TDD-R
AI

The **M3H65TDD-R** is a high-performance power semiconductor component, specifically a **Silicon Carbide (SiC) MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). It is designed by manufacturers like ROHM Semiconductor for high-efficiency power conversion.
---
### 1. Technical Specifications
The following table summarizes the key electrical characteristics of the M3H65TDD-R:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 650V | Maximum voltage across drain and source. |
| **Drain Current ($I_D$)** | ~30A - 50A | Continuous current capacity (temperature dependent). |
| **On-Resistance ($R_{DS(on)}$)** | ~65mΩ | Low resistance to minimize conduction losses. |
| **Material** | Silicon Carbide (SiC) | Wide bandgap material for high efficiency. |
| **Package** | TO-247N | Standard through-hole power package. |
| **Gate Drive Voltage** | 18V (Typ) | Optimal voltage for full turn-on. |
---
### 2. Key Features
* **Reduced Switching Losses:** SiC technology allows for significantly faster switching speeds compared to traditional Silicon (Si) MOSFETs or IGBTs.
* **High Thermal Conductivity:** SiC dissipates heat more effectively, allowing the component to operate at higher power densities.
* **Body Diode Performance:** Features a fast recovery body diode with very low $Q_{rr}$ (Reverse Recovery Charge), reducing noise and energy loss.
* **High Temperature Operation:** Rated for stable performance even at elevated junction temperatures (up to 175°C).
---
### 3. Applications
Due to its 650V rating and high efficiency, the M3H65TDD-R is commonly used in the following areas:
1. **EV Charging Stations:** Used in DC-DC converters and AC-DC rectifiers for fast charging.
2. **Solar Inverters:** Enhances the efficiency of Photovoltaic (PV) string inverters.
3. **Server Power Supplies:** Critical for 80 Plus Titanium/Platinum efficiency ratings in data centers.
4. **Uninterruptible Power Supplies (UPS):** Provides reliable high-speed switching for power backup.
---
### 4. Comparison: SiC vs. Standard Silicon
Compared to standard Silicon MOSFETs, the M3H65TDD-R offers:
* **70-90% reduction** in switching energy loss.
* **Smaller footprint** for cooling systems (heatsinks).
* **Higher frequency** operation, allowing for smaller inductors and capacitors.
- ⤷
How does the gate drive circuit for a SiC MOSFET differ from a standard Silicon MOSFET?
- ⤷ What are the specific thermal management requirements for the TO-247N package?
- ⤷ Can you explain the significance of the 650V rating in residential vs industrial power systems?