M3H65TCG-R
AI

The **M3H65TCG-R** is a high-performance power semiconductor, specifically a **Silicon Carbide (SiC) MOSFET** manufactured by **Toshiba**. It belongs to their 3rd Generation SiC MOSFET family, designed to offer high efficiency and high-speed switching for power conversion applications.
---
## 1. Technical Specifications
Below are the primary electrical characteristics of the M3H65TCG-R:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 650 V | Maximum voltage the device can withstand. |
| **Drain Current ($I_D$)** | 30 A | Continuous DC drain current at $T_c = 25^\circ C$. |
| **On-Resistance ($R_{DS(ON)}$)** | 65 mΩ (Typ.) | Low resistance to minimize conduction loss. |
| **Gate-Source Voltage ($V_{GSS}$)** | -10 V to +25 V | Recommended driving voltage. |
| **Package Type** | TO-247-4L | 4-pin package with a Kelvin source connection. |
---
## 2. Key Features
The M3H65TCG-R incorporates several architectural advantages over traditional Silicon (Si) MOSFETs:
### A. 4-Pin Kelvin Source Connection
The "4L" in the package refers to an additional **Source Sense** pin. This separates the power path from the gate-drive path, significantly reducing the effect of source inductance. This allows for:
- Faster switching speeds.
- Reduced switching losses ($E_{on}$ and $E_{off}$).
### B. High Reliability
- **Wide Bandgap Material:** SiC allows for higher temperature operation and better thermal conductivity compared to Silicon.
- **Stable Threshold Voltage:** Toshiba's 3rd Gen technology focuses on maintaining a stable $V_{th}$ over the life of the component.
### C. Reduced Capacitance
The device features low input and output capacitance ($C_{iss}$, $C_{oss}$), which facilitates high-frequency operation, allowing for smaller inductors and capacitors in the final circuit design.
---
## 3. Application Areas
This component is typically found in high-efficiency power stages:
1. **Switch Mode Power Supplies (SMPS):** Used in high-end server and data center power units.
2. **EV Charging Stations:** DC-DC converters and AC-DC rectifiers for electric vehicles.
3. **Photovoltaic (Solar) Inverters:** Maximizing energy harvest from solar panels.
4. **Uninterruptible Power Supplies (UPS):** Ensuring high-density power backup.
---
## 4. Basic Circuit Symbol & Pinout
```text
TO-247-4L Pinout:
1: Gate
2: Source (Sense - Kelvin)
3: Source (Power)
4: Drain (Tab)
```
- ⤷How does the 4-pin Kelvin source connection improve switching efficiency compared to a standard 3-pin package?
- ⤷ What are the recommended gate driver requirements for this SiC MOSFET?
- ⤷ How does the RDS(ON) of this device change with temperature?