M3H65FBD-R
AI

The **M3H65FBD-R** is a high-performance N-channel Silicon Carbide (SiC) MOSFET developed by **Rohm Semiconductor**. This component belongs to the 3rd Generation of SiC technology, designed specifically for high-efficiency power conversion in industrial and automotive applications.
---
## 1. Technical Specifications
The following table highlights the primary electrical characteristics of the M3H65FBD-R:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 650 V |
| **Continuous Drain Current** | $I_D$ | 93 A (at $T_c = 25^\circ C$) |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 22 m$\Omega$ (Typ.) |
| **Gate-Source Voltage Range** | $V_{GSS}$ | -4V to +22V |
| **Total Gate Charge** | $Q_g$ | 125 nC |
| **Maximum Junction Temperature** | $T_j$ | 175°C |
| **Package Type** | - | TO-247-4L |
---
## 2. Key Features & Electronic Advantages
### A. 4-Pin Package (TO-247-4L)
Unlike traditional 3-pin MOSFETs, this part features a **Driver Source terminal**.
* **Inductance Reduction:** By separating the power source lead from the gate driver return path, it eliminates the effect of source inductance during high-speed switching.
* **Lower Switching Loss:** This configuration allows for faster turn-on and turn-off times, significantly reducing energy dissipation.
### B. SiC (Silicon Carbide) Benefits
* **Thermal Conductivity:** SiC conducts heat much better than standard Silicon, allowing for smaller heatsinks.
* **High Frequency:** It can operate at higher switching frequencies, which allows for the use of smaller inductors and capacitors in the circuit.
* **Low $R_{DS(on)}$ Temperature Coefficient:** The resistance increases less as the temperature rises compared to Silicon MOSFETs, maintaining efficiency at high loads.
---
## 3. Typical Applications
The M3H65FBD-R is typically used in circuits requiring high density and high efficiency:
1. **EV Charging Stations:** DC-DC converters and onboard chargers (OBC).
2. **Solar Inverters:** Converting DC from panels to AC for the grid.
3. **Server Power Supplies:** Switching Mode Power Supplies (SMPS) for data centers.
4. **Uninterruptible Power Supplies (UPS):** High-speed switching for backup power.
---
## 4. Basic Circuit Implementation
When integrating this MOSFET, the gate drive circuit must be carefully designed to handle the 4-pin configuration:
```cpp
// Schematic Logic Representation
Gate (Pin 1) -------- [Resistor] -------- PWM Controller Output
Driver Source (Pin 2) ------------------- PWM Controller Ground (Kelvin)
Drain (Pin 3) --------------------------- High Voltage Load
Power Source (Pin 4) -------------------- Power Ground / Return Path
```
---
- ⤷
How does the 4-pin TO-247 package compare to the standard 3-pin version in terms of efficiency?
- ⤷ What are the recommended gate drive voltages for the M3H65FBD-R?
- ⤷ What is the difference between Rohm's 3rd and 4th generation SiC MOSFETs?