công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H65FAG-R

  • AI
    The **M3H65FAG-R** is a high-performance power semiconductor, specifically a **Silicon Carbide (SiC) MOSFET** manufactured by **STMicroelectronics**. It belongs to the STPOWER SiC MOSFET M3H series, which is optimized for high-voltage, high-frequency, and high-efficiency applications. --- ### ## Technical Specifications Below are the primary electrical and thermal characteristics of the M3H65FAG-R: | Parameter | Value | | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | 650 V | | **Continuous Drain Current ($I_D$)** | ~45 A (at 25°C) | | **RDS(on) (Typical)** | 55 mΩ | | **Gate-Source Voltage ($V_{GS}$)** | -10 V to +22 V | | **Operating Temperature ($T_j$)** | -55°C to 175°C | | **Package Type** | HiP247-4 (4-lead package) | --- ### ### Key Features 1. **SiC Technology:** Unlike standard Silicon MOSFETs, Silicon Carbide allows for much faster switching speeds and lower energy losses at high temperatures. 2. **Kelvin Source Pin:** The "4-lead" (HiP247-4) package includes a dedicated Kelvin source terminal. This reduces the effect of source inductance, improving switching performance and reducing ringing. 3. **Very Low Switching Losses:** Optimized for high-frequency operation, which allows for the use of smaller passive components (inductors and capacitors) in the circuit. 4. **High Temperature Stability:** The device maintains low on-resistance even as the temperature increases, ensuring high efficiency across the entire operating range. --- ### ### Common Applications The M3H65FAG-R is designed for power conversion in demanding environments: * **Electric Vehicle (EV) Charging:** Used in DC-DC converters and fast-charging stations. * **Solar Inverters:** Enhances efficiency in string inverters and energy storage systems. * **Switch Mode Power Supplies (SMPS):** Ideal for high-end server power supplies and industrial rectifiers. * **Uninterruptible Power Supplies (UPS):** Provides reliable power switching with minimal heat generation. --- ### ### Typical Circuit Implementation When designing with this SiC MOSFET, it is crucial to use a dedicated SiC gate driver. Below is a conceptual example of the pin configuration in a circuit: ```cpp // Schematic Pin Mapping (HiP247-4) Pin 1: Gate (G) // Controls the switching Pin 2: Drain (D) // Connected to the High Voltage Load Pin 3: Source (S) // Power Path (Main current) Pin 4: Kelvin Source (S) // Signal Path (Reference for Gate Driver) ```
    ✨ Follow-up Questions
    • ⤷ How does the Kelvin source pin specifically improve switching efficiency?
    • ⤷ What are the recommended gate driver voltages for this SiC MOSFET?
    • ⤷ How does the RDS(on) of this SiC part compare to a standard Silicon MOSFET of similar rating?