M3H64FDD-R
AI

The **M3H64FDD-R** is a specific part number belonging to the **M3H Group** of microcontrollers developed by **Toshiba**. This series is built on the **ARM® Cortex®-M3** core and is designed primarily for industrial applications, home appliances, and motor control.
---
## 1. Technical Specifications
Below is a breakdown of the core electronic specifications for the M3H64FDD-R:
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 40 MHz to 80 MHz (depending on clock config) |
| **Flash Memory** | 512 KB |
| **RAM** | 64 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP100 (14x14mm) |
| **Operating Temperature** | -40°C to 85°C |
---
## 2. Key Internal Components
The "Electronic Parts" within this SoC (System on Chip) include several specialized peripherals:
### A. Motor Control Hardware (A-PMD)
The device features an **Advanced Programmable Motor Driver (A-PMD)**. This circuit allows for:
* 3-phase complementary PWM output.
* Automatic dead-time insertion.
* Emergency stop functions via external input.
### B. Analog-to-Digital Converter (ADC)
It contains a high-speed **12-bit ADC** (approx. 21 channels). This is critical for sensing current and voltage in real-time to adjust motor speed or torque.
### C. Communication Interfaces
The chip integrates multiple serial communication blocks:
* **UART:** For asynchronous data transfer.
* **I2C:** For peripheral sensor communication.
* **TSPI:** Toshiba Serial Peripheral Interface (high-speed SPI).
---
## 3. Part Number Decoder
The nomenclature **M3H64FDD-R** follows Toshiba's specific coding:
* **M3H:** The Group/Series (Cortex-M3 High-speed).
* **64:** Pin count indicator (though often associated with 100-pin LQFP in this specific series).
* **F:** Indicates Flash Memory.
* **DD:** Memory density code (512KB Flash).
* **-R:** Usually denotes "RoHS compliant" or specific "Reel" packaging for automated assembly.
---
## 4. Typical Application Circuit
When designing with this part, engineers typically include the following external components:
```cpp
// Example: Conceptual GPIO Configuration for M3H Series
void GPIO_Init() {
// Enable Clock for Port A
TSB_CG_FSYSMASK |= (1 << 3);
// Set PA0 as Output for Status LED
TSB_PA_CR = 0x01;
TSB_PA_DATA = 0x01; // Drive High
}
```
* **Bypass Capacitors:** 0.1µF ceramics near every VDD/VSS pair.
* **Oscillator:** A 10MHz to 20MHz Crystal (XTAL) with load capacitors.
* **Reset Circuit:** A simple RC network or a dedicated Voltage Supervisor IC.
- ⤷
What are the specific power consumption ratings for the M3H64FDD-R in sleep mode?
- ⤷ Does this microcontroller support Vector Control for brushless DC motors?
- ⤷ What is the difference between the 'DD' and 'SD' memory suffixes in this series?