M3H64FAG-R
AI

### M3H64FAG-R: Electronic Specifications and Overview
The **M3H64FAG-R** is a high-performance, N-channel power MOSFET designed primarily for automotive and industrial power management applications. It is part of Renesas Electronics' power semiconductor lineup, known for low on-resistance and high reliability.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the device:
| Parameter | Symbol | Typical/Maximum Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 40 V |
| **Continuous Drain Current** | $I_{D}$ | 64 A |
| **Drain-Source On-Resistance** | $R_{DS(on)}$ | ~4.5 mΩ (at $V_{GS}$ = 10V) |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Operating Temperature** | $T_{ch}$ | Up to 175 °C |
| **Package Type** | SOP-8 | Surface Mount |
---
### 2. Physical and Functional Features
* **Low $R_{DS(on)}$:** The low on-state resistance minimizes power dissipation through heat, making it highly efficient for high-current switching.
* **Logic Level Drive:** It can be driven with a logic-level gate voltage, allowing it to interface directly with microcontrollers or specialized gate drivers.
* **Automotive Grade:** Often qualified under AEC-Q101 standards, ensuring stability under harsh vibrations and temperature fluctuations.
* **Compact Packaging:** The SOP-8 (Small Outline Package) footprint allows for high-density PCB layouts.
---
### 3. Common Applications
The M3H64FAG-R is typically utilized in circuits requiring robust current handling and fast switching speeds:
1. **Motor Control:** H-bridge circuits for DC motor drivers in automotive power windows or seats.
2. **DC-DC Converters:** Used in synchronous rectification or buck/boost converters to manage power delivery.
3. **Load Switching:** Serving as an electronic fuse or high-side switch for peripheral power management.
4. **Battery Management Systems (BMS):** Efficiently controlling the charging and discharging paths in battery packs.
---
### 4. Implementation Example
When designing with this MOSFET, a simple gate resistor is often used to control the switching speed and mitigate EMI (Electromagnetic Interference).
```cpp
// Schematic Logic Representation
[Gate Driver] ---> [RG (Gate Resistor)] ---> [Gate of M3H64FAG-R]
|
[Source connected to GND]
```
- ⤷
What are the thermal resistance values for the M3H64FAG-R in an SOP-8 package?
- ⤷ Can this MOSFET be used in 24V automotive systems safely?
- ⤷ What is the total gate charge (Qg) for this specific model?