công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H62FBG-R

  • AI
    ### Overview of M3H62FBG-R The **M3H62FBG-R** is a high-performance N-channel power MOSFET manufactured by **Toshiba**. It is designed for high-efficiency power conversion and motor control applications. This specific part belongs to the **U-MOSX-H** series, which utilizes advanced trench structures to reduce "On-Resistance" ($R_{DS(ON)}$) and gate charge. --- ### Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Transistor Type** | N-Channel MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 60 V | | **Drain Current ($I_D$ DC)** | 140 A | | **On-Resistance ($R_{DS(ON)}$) @ 10V** | ~1.6 mΩ (Typical) | | **Gate-Source Voltage ($V_{GSS}$)** | ±20 V | | **Power Dissipation ($P_D$)** | ~170 W | | **Package Type** | SOP Advance (5x6mm) | | **Operating Temperature** | up to 175°C | --- ### Key Electronic Features 1. **Low On-Resistance ($R_{DS(ON)}$):** The extremely low resistance (typically 1.6 mΩ) minimizes conduction losses, making it highly efficient for high-current applications. 2. **High-Speed Switching:** Reduced gate charge ($Q_g$) allows the MOSFET to switch on and off rapidly, which is essential for High-Frequency DC-DC converters. 3. **High Thermal Performance:** The **SOP Advance** package is designed for superior heat dissipation despite its small footprint, allowing it to handle high power densities. 4. **AEC-Q101 Compliance:** Parts in this series are often automotive-grade, ensuring reliability under harsh environmental conditions and high temperatures. --- ### Common Applications * **Switching Regulators:** Used in DC-DC converters for servers, telecommunications, and industrial equipment. * **Motor Drives:** Ideal for BLDC (Brushless DC) motor control in power tools and robotics. * **Battery Management Systems (BMS):** Used for battery protection and load switching due to high current handling. * **Load Switches:** Efficiently turning power rails on/off with minimal power drop. --- ### Comparison with Traditional MOSFETs | Feature | M3H62FBG-R (U-MOSX-H) | Older Generation MOSFETs | | :--- | :--- | :--- | | **Efficiency** | Very High (Low $Q_{oss}$ and $R_{on}$) | Moderate | | **Size** | Compact 5x6 mm footprint | Larger (TO-220 or D2PAK) | | **Heat Generation** | Minimal due to low resistance | Higher due to conduction losses |
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering profile recommendations for the SOP Advance package?
    • ⤷ How does the M3H62FBG-R perform in parallel configurations for higher current?
    • ⤷ Are there recommended gate driver ICs to pair with this MOSFET?