M3H62FAG-R
AI

## Overview of the M3H62FAG-R
The **M3H62FAG-R** is a high-performance N-channel power MOSFET manufactured by **Toshiba**. It belongs to their U-MOS IX-H series, specifically designed for high-efficiency power conversion in automotive and industrial applications.
---
### Key Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 60 V | Maximum voltage across drain and source. |
| **Continuous Drain Current ($I_D$)** | 120 A | Max current flow at specified temperature. |
| **Drain-Source On-Resistance ($R_{DS(ON)}$)** | 1.8 mΩ (Typ.) | Low resistance to minimize power loss. |
| **Gate-Source Voltage ($V_{GSS}$)** | ±20 V | Operating voltage range for the gate. |
| **Package Type** | SOP Advance | Compact, surface-mount package. |
| **AEC-Q101 Qualified** | Yes | Suitable for automotive reliability standards. |
---
### Core Electronic Features
#### 1. Low On-Resistance ($R_{DS(ON)}$)
The device features an extremely low typical resistance of **1.8 mΩ** when turned on. This reduces conduction losses significantly, making it ideal for high-current applications where heat dissipation is a concern.
#### 2. U-MOS IX-H Technology
This MOSFET utilizes the 9th generation trench structure (U-MOS IX-H). This design optimizes the trade-off between:
* **Conduction Loss:** Lower resistance.
* **Switching Loss:** Lower gate charge ($Q_g$) for faster switching speeds.
#### 3. High Thermal Performance
The **SOP Advance** package is designed with a small footprint but high heat dissipation capabilities, allowing it to handle high current pulses without catastrophic failure.
#### 4. Automotive Grade
Because it is **AEC-Q101 qualified**, it is built to withstand harsh environments, including high vibrations and extreme temperature fluctuations common in vehicle electronics.
---
### Common Applications
* **Automotive Power Management:** DC-DC converters, motor drivers (like power steering), and battery management systems (BMS).
* **Switching Regulators:** Used in high-efficiency power supplies for servers and telecommunications.
* **Load Switches:** Efficiently turning on/off high-current paths in industrial equipment.
---
### PIN Configuration (SOP Advance)
```text
Top View
+------------+
| 1 2 3 4 | 1, 2, 3: Source (S)
| S S S G | 4: Gate (G)
| |
| Drain | Bottom / Exposed Pad: Drain (D)
| (Pad) |
+------------+
```
---
- ⤷
What are the specific switching characteristics (Total Gate Charge) of this MOSFET?
- ⤷ Can this MOSFET be used in 48V automotive systems?
- ⤷ What is the maximum junction temperature (Tj) allowed for this part?