M3H56TCG-R
AI

The **M3H56TCG-R** is a high-performance, non-volatile memory component, specifically a **TLC (Triple-Level Cell) 3D NAND Flash** chip manufactured by **Micron**. It is widely used in high-capacity storage solutions like Enterprise SSDs and high-end consumer NVMe drives.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Micron Technology |
| **Memory Type** | 3D TLC NAND Flash |
| **Interface** | ONFI (Open NAND Flash Interface) |
| **Capacity** | Typically 512Gb (64GB) or 1Tb per die (varies by package configuration) |
| **Architecture** | 176-Layer or 232-Layer (depending on the specific generation suffix) |
| **Package Type** | BGA (Ball Grid Array) |
---
### 2. Core Components and Technology
#### A. 3D NAND Architecture
Unlike traditional 2D (planar) NAND, the M3H56TCG-R utilizes vertical stacking. By stacking memory cells in layers, Micron achieves higher density, lower power consumption, and better durability in a smaller physical footprint.
#### B. Triple-Level Cell (TLC)
This part stores **3 bits of data per cell**. It represents the industry "sweet spot" by providing a significantly higher storage capacity than SLC (1-bit) or MLC (2-bit) while maintaining much higher endurance and speed than QLC (4-bit).
#### C. Replacement Gate (RG) Technology
Micron uses a CMOS-under-Array (CuA) architecture in these chips. This means the logic circuitry (the "brain" of the chip) is tucked underneath the memory cells, reducing the overall size of the die and improving efficiency.
---
### 3. Electronic Characteristics
* **Voltage Requirements:** Typically operates on dual voltage rails (Vcc for the core and Vccq for I/O), usually around **1.2V to 1.8V** for modern ONFI interfaces to reduce heat.
* **Data Transfer Rates:** Designed to support high-speed toggle interfaces, often exceeding **1200 MT/s to 1600 MT/s** (Megatransfers per second).
* **Reliability Features:** Includes internal circuitry for error management, though it relies heavily on an external SSD controller for advanced ECC (Error Correction Code) and wear leveling.
---
### 4. Typical Applications
The M3H56TCG-R is an industrial-grade component found in:
1. **High-End NVMe SSDs:** Used in PCIe Gen4 and Gen5 drives for gaming and workstations.
2. **Data Center Storage:** Used in server arrays where high IOPS (Input/Output Operations Per Second) are required.
3. **Embedded Systems:** High-capacity industrial computers and automotive storage systems.
- ⤷
What is the endurance rating (TBW) for this specific NAND part?
- ⤷ How does 176-layer NAND compare to older 96-layer technology?
- ⤷ Which SSD controllers are most compatible with the M3H56TCG-R?