công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H54TCG-R

  • AI
    The **M3H54TCG-R** belongs to the **M3H Group** of the TXZ+™ Family Advanced Series, manufactured by **Toshiba**. This microcontroller is based on the high-performance ARM® Cortex®-M3 core and is designed for high-speed data processing and motor control applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP100 (14mm x 14mm, 0.5mm pitch) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Electronic Blocks The M3H54TCG-R integrates several specialized hardware blocks that make it suitable for industrial automation: #### A. Analog Front-End * **12-bit ADC:** Features high-speed conversion (approx. 1.6 µs) with up to 16-24 channels, allowing for precise sensor readings. * **8-bit DAC:** Dual-channel output for generating analog waveforms. #### B. Motor Control & Timers * **Advanced Programmable Motor Control (A-PMD):** A specialized 3-phase PWM output timer capable of controlling brushless DC (BLDC) motors with minimal CPU intervention. * **Advanced Encoder Input (A-ENC):** Supports incremental encoder signal processing for position and speed feedback. #### C. Connectivity Interfaces * **UART/SIO:** Up to 5 channels for serial communication. * **I2C/EI2C:** Standard and enhanced inter-integrated circuit interfaces. * **TSPI:** Toshiba Serial Peripheral Interface for high-speed synchronous data transfer. --- ### 3. Key Electronic Features 1. **Low Power Consumption:** Integrated power-on reset (POR) and voltage detection circuits (LVD) to ensure stability during power fluctuations. 2. **Self-Diagnosis Support:** Includes hardware functions to support functional safety standards (IEC 60730), such as RAM parity checks and ADC self-diagnosis. 3. **Clock System:** Internal high-speed oscillators and PLLs allow the chip to reach 120 MHz without needing high-frequency external crystals. ### 4. Typical Applications * **Home Appliances:** Washing machines, air conditioners (inverter control). * **Industrial Equipment:** Compact motor drivers, factory automation sensors. * **Consumer Electronics:** Devices requiring high-speed processing and analog integration. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M3H group and the M4K group in Toshiba's TXZ+ series?
    • ⤷ How does the A-PMD block simplify motor control logic for developers?
    • ⤷ Does this specific part number support CAN bus communication?