công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H54FAD-R

  • AI
    The **M3H54FAD-R** is a high-performance, automotive-grade microcontroller part of the **TOSHIBA TXZ+™ Family Advanced Class**. It is based on the **Arm® Cortex®-M3** core and is specifically designed for high-speed data processing and motor control applications. --- ## 1. Technical Specifications Below is a summary of the core electronic characteristics of the M3H54FAD-R: | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M3 | | **Max Operating Frequency** | 120 MHz | | **Flash Memory** | 256 KB | | **RAM** | 32 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP64 (10mm x 10mm) | | **Operating Temperature** | -40°C to +85°C (Standard) / +105°C (Industrial/Auto) | --- ## 2. Key Peripheral Modules The architecture of the M3H54FAD-R is optimized for precision control: ### A. Analog-to-Digital Converter (ADC) It features a high-speed, 12-bit ADC capable of a **1.0 μs conversion time**. This is critical for capturing sensor data in real-time motor control loops. ### B. Motor Control Units * **Advanced Programmable Motor Control (A-PMD):** A dedicated hardware block that handles PWM (Pulse Width Modulation) generation, reducing the CPU load when controlling 3-phase motors. * **Advanced Encoder Input Circuit (A-ENC):** Supports various encoder formats (incremental/absolute) to track motor position and speed. ### C. Communication Interfaces The chip supports standard industrial protocols: * **UART / I2C / SPI:** For general sensor and module communication. * **CAN:** (Controller Area Network) for automotive or industrial networking. --- ## 3. Architecture Overview The system design focuses on low power consumption and high reliability: ```mermaid graph TD A[Arm Cortex-M3 120MHz] --> B[Internal Bus] B --> C[Flash 256KB / RAM 32KB] B --> D[12-bit ADC] B --> E[A-PMD Motor Control] B --> F[Communication: CAN, UART, I2C] ``` --- ## 4. Typical Applications The "FAD" variant within the M3H group is frequently found in: 1. **Home Appliances:** High-efficiency washing machines and air conditioner compressors. 2. **Industrial Equipment:** Small-to-medium robotic arms and pump controllers. 3. **Consumer Electronics:** High-precision gimbals and drones.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption profiles for the M3H54FAD-R in sleep mode?
    • ⤷ Does this microcontroller support functional safety standards like SIL2 or ASIL-B?
    • ⤷ Which development tools or IDEs are compatible with the Toshiba TXZ+ series?