M3H51TBD-R
AI

The **M3H51TBD-R** belongs to the **TOSHIBA TXZ+™ Family Advanced Class** based on the ARM® Cortex®-M3 core. It is a high-performance microcontroller designed specifically for motor control and industrial automation applications.
---
### ## Core Specifications
The device is built on a high-efficiency architecture to handle real-time processing tasks.
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Operating Voltage** | 2.7V to 5.5V |
| **Flash Memory** | 512 KB |
| **RAM** | 64 KB |
| **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) |
---
### ## Key Electronic Components & Subsystems
#### 1. Advanced Motor Control Timer (A-PMD)
The "T" in the part number often signifies its strength in motor control. It includes:
* **3-phase PWM output:** Capable of controlling brushless DC (BLDC) motors.
* **Dead-time insertion:** Prevents short circuits in power stages (Inverters).
* **Emergency Stop Input:** Hardware-level protection that shuts down PWM signals during overcurrent events.
#### 2. Analog-to-Digital Converter (ADC)
To support high-speed feedback loops, the chip features:
* **12-bit Resolution:** High precision for sensor readings.
* **Multiple Channels:** Allows simultaneous sampling of motor phase currents and voltages.
* **Conversion Speed:** Approximately 1.0 μs conversion time.
#### 3. Communication Interfaces
The M3H51TBD-R is equipped with various industry-standard protocols:
* **UART/SIO:** For serial data transfer.
* **I2C / Interface:** For peripheral sensors and EEPROM.
* **TSPI:** High-speed Synchronous Serial Peripheral Interface.
#### 4. System Functions
* **DMA Controller:** Reduces CPU load by moving data between peripherals and memory automatically.
* **Clock Generator:** Internal high-speed oscillator with PLL for frequency multiplication.
* **Watchdog Timer (WDT):** Ensures system reliability by resetting the MCU if software hangs.
---
### ## Typical Application Circuits
In a standard electronic design, this MCU is usually surrounded by:
1. **Decoupling Capacitors:** Usually 0.1μF ceramic capacitors near every $V_{DD}$ pin to filter noise.
2. **Crystal Oscillator:** An external 8MHz - 12MHz crystal for high-precision timing.
3. **Reset Circuit:** A simple RC circuit or a dedicated reset IC connected to the $RESET$ pin.
4. **Debug Port:** SWD (Serial Wire Debug) header for programming and real-time debugging.
- ⤷
What are the specific power consumption ratings for the M3H51TBD-R in sleep mode?
- ⤷ Does this microcontroller support CAN bus communication?
- ⤷ Which development tools or IDEs are compatible with the TXZ+ family?