công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H51FCD-R

  • AI
    The **M3H51FCD-R** belongs to the **M3H Group** of microcontrollers within the **TXZ+™ Family Advanced Class**, manufactured by **Toshiba**. These microcontrollers are based on the ARM® Cortex®-M3 core and are specifically designed for high-performance motor control and consumer electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP64 (10mm x 10mm) | | **Temperature Range** | -40°C to 85°C | --- ### 2. Major Internal Components #### A. Processing Core The **ARM Cortex-M3** core provides a balance between high performance and low power consumption. It includes a nested vectored interrupt controller (NVIC) for low-latency interrupt handling, which is critical for real-time motor control. #### B. Motor Control Peripherals (A-PMD) One of the standout features of this chip is the **Advanced Programmable Motor Driver (A-PMD)**. - It allows for 3-phase complementary PWM output. - It includes emergency stop capabilities through hardware pins to prevent damage to the inverter or motor. #### C. Analog-to-Digital Converter (ADC) The device features a high-speed **12-bit ADC** with a conversion time of approximately 1.5 µs. This is used to sense current and voltage feedback from motors with high precision. #### D. Communication Interfaces The M3H51FCD-R supports several standard protocols for interfacing with other sensors or master controllers: * **UART:** For asynchronous serial communication. * **I2C:** For peripheral sensor interfacing. * **TSPI:** Toshiba Serial Peripheral Interface (High-speed SPI). --- ### 3. Application Areas The M3H51FCD-R is commonly found in electronic systems requiring precise mechanical movement and energy efficiency: 1. **Home Appliances:** Washing machines, air conditioners (inverter control), and refrigerators. 2. **Industrial Equipment:** Small pumps, fans, and conveyor belt controllers. 3. **Office Automation:** High-speed printers and scanners. --- ### 4. Summary of Advantages * **5V Operation:** Unlike many 3.3V ARM chips, this supports 5V, which offers better noise immunity in industrial environments. * **Safety Features:** Includes hardware functions to detect clock failure or memory parity errors, aligning with safety standards. * **Efficiency:** The 120MHz clock speed allows for complex vector control algorithms to be executed quickly.
    ✨ Follow-up Questions
    • ⤷ What are the specific power-saving modes available for the M3H51FCD-R?
    • ⤷ How does the Advanced Programmable Motor Driver (A-PMD) differ from standard PWM?
    • ⤷ What development tools or IDEs are recommended for programming this Toshiba MCU?