công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H51FAD-R

  • AI
    The **M3H51FAD-R** is an integrated circuit (IC) belonging to the **M3H group** of microcontrollers, developed by **Toshiba**. It is based on the high-performance **ARM® Cortex®-M3** core. This specific part is designed for applications requiring high-speed processing, low power consumption, and robust motor control. --- ### 1. Key Technical Specifications The following table outlines the core electronic parameters of the M3H51FAD-R: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 40 MHz - 80 MHz (varies by power mode) | | **Flash Memory** | 256 KB | | **SRAM** | 32 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP100 (14x14mm) | | **I/O Ports** | Up to 87 pins | --- ### 2. Functional Electronic Components The M3H51FAD-R integrates several critical electronic sub-systems onto a single chip: #### A. Analog-to-Digital Conversion (ADC) * **Resolution:** 12-bit. * **Channels:** High-speed multi-channel conversion (typically up to 16 channels). * **Purpose:** Essential for reading sensors (temperature, pressure) and monitoring current/voltage in motor control. #### B. Motor Control Circuitry (A-PMD) * **Advanced Programmable Motor Driver (A-PMD):** A dedicated hardware block that generates 3-phase PWM signals. * **Safety Features:** Includes emergency stop functions (fault detection) to protect the power electronics stage from short circuits. #### C. Communication Interfaces * **UART/SIO:** For serial data exchange. * **I2C:** For peripheral communication (EEPROM, sensors). * **TSPI:** High-speed SPI for display drivers or external memory. #### D. Power Management * **Voltage Regulator:** Internal regulator to step down the external supply for the core logic. * **Low Power Modes:** Supports Idle, Stop, and Sleep modes to minimize current draw in battery-powered applications. --- ### 3. Application Use Cases Due to its high-speed ADC and motor control timers, this part is commonly used in: 1. **Home Appliances:** Washing machines, air conditioners (inverter control). 2. **Industrial Equipment:** Small-scale pumps, fans, and conveyor controllers. 3. **Office Automation:** Printers and scanners. --- ### 4. Code Implementation (Example) In a typical development environment, initializing a GPIO pin on this Cortex-M3 core would look like this: ```c #include "TXZ_M3H.h" void GPIO_Init(void) { /* Enable Clock for Port A */ TSB_CG_FSYSENA_IPENA04 = 1; /* Set PA0 as Output */ TSB_PA_CR_PA0C = 1; // Control register TSB_PA_DATA_PA0 = 1; // Set Pin High } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M3H51FAD-R in 'Stop' mode?
    • ⤷ Does this microcontroller support CAN bus communication?
    • ⤷ What are the primary differences between the M3H and M4H groups from Toshiba?