M3H48TDD-R
AI

The **M3H48TDD-R** is a specific part number belonging to the **M3H Group** of the **TXZ+™ Family Advanced Class** microcontrollers developed by **Toshiba**. These are 32-bit microcontrollers based on the Arm® Cortex®-M3 core, designed specifically for consumer and industrial applications requiring motor control and high-speed data processing.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | Arm® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory** | 512 KB |
| **RAM** | 66 KB (Includes 2 KB of Data Flash) |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) |
| **Temperature Range** | -40°C to +85°C |
---
### 2. Functional Electronic Blocks
The "Electronic Parts" or internal peripherals of the M3H48TDD-R are optimized for high-precision control:
#### A. Analog-to-Digital Conversion (ADC)
* **High Speed:** Equipped with a 12-bit ADC with a conversion speed of approximately 1.6 μs.
* **Channels:** It typically features multiple channels (up to 20+) to monitor sensors, voltages, and currents simultaneously.
#### B. Advanced Timer Blocks (A-PMD)
* **Advanced Programmable Motor Control (A-PMD):** This is a specialized 3-phase PWM output timer. It is designed to drive inverter motors (like those in air conditioners or washing machines) with minimal CPU intervention.
* **Dead Time Control:** Automatically inserts dead time to prevent short circuits in power stages.
#### C. Communication Interfaces
The chip includes standard serial interfaces for interacting with other electronic components:
* **UART/SIO:** Up to 6 channels.
* **I2C:** High-speed multi-master interface.
* **TSPI:** Toshiba Serial Peripheral Interface (similar to SPI) for high-speed data transfer to sensors or external memory.
#### D. Safety and System Functions
* **Oscillation Improvement:** Built-in high-speed and low-speed internal oscillators.
* **Voltage Detection (LVD):** Monitors power supply to trigger resets during brownouts.
* **CRC Computing Unit:** Used for verifying data integrity, essential for safety-critical applications.
---
### 3. Part Number Decoder
Understanding the "M3H48TDD-R" nomenclature:
* **M3H:** Toshiba TXZ+ Family, Cortex-M3 Group.
* **4:** High-speed version (120MHz).
* **8:** Memory density indicator (512KB Flash).
* **T:** Package type (LQFP).
* **DD:** Pin count / specific feature set (100-pin).
* **-R:** Generally indicates the packaging method (Tape and Reel).
---
### 4. Applications
Due to its high clock speed and specialized motor timers, it is primarily used in:
* **Home Appliances:** Inverter control for compressors and fans.
* **Industrial Equipment:** Small-to-medium motor drives and factory automation sensors.
* **Consumer Electronics:** Devices requiring a balance of low power consumption and 32-bit processing power.
- ⤷
What are the differences between the M3H and M4K groups in the Toshiba TXZ+ family?
- ⤷ Does this microcontroller support functional safety standards like IEC 60730?
- ⤷ What development tools or IDEs are recommended for programming the M3H48TDD-R?