công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H45TDG-R

  • AI
    The **M3H45TDG-R** is a specific electronic component typically classified as a **Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor), often utilized in automotive and high-efficiency power management applications. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like ON Semiconductor or Renesas), the part numbering suggests the following core characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | | **Package Type** | DPAK (TO-252) or similar surface-mount packaging | | **Voltage Rating ($V_{DSS}$)** | Generally rated around **40V - 45V** | | **Current Rating ($I_D$)** | High current capability, typically **30A - 50A** range | | **Configuration** | Enhancement Mode | --- ### 2. Key Technical Attributes The "M3" series usually emphasizes specific performance metrics designed for modern electronic control units (ECUs). * **Low $R_{DS(on)}$:** Designed with very low "on-resistance" to minimize power dissipation and heat generation during conduction. * **Logic Level Gate Drive:** Often compatible with low-voltage gate signals, allowing it to be driven directly by microcontrollers. * **Thermal Efficiency:** The "TDG" suffix usually refers to the packaging technology, optimized for heat dissipation through the PCB copper planes. * **AEC-Q101 Qualified:** Most parts in this nomenclature are rated for automotive use, meaning they can withstand extreme temperature fluctuations and mechanical vibrations. --- ### 3. Pinout Configuration For the standard **DPAK / TO-252** package used by this part: | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | **Gate (G)** | Controls the turning on/off of the MOSFET. | | **2 / Tab** | **Drain (D)** | Connected to the load; the metal tab provides cooling. | | **3** | **Source (S)** | Connected to the ground or negative side of the load. | --- ### 4. Common Applications * **Automotive Systems:** Motor drivers for fans, pumps, and wipers. * **DC-DC Converters:** Used in switching regulators for voltage conversion. * **Battery Protection:** Serving as a high-speed electronic switch for battery management systems (BMS). * **Load Switching:** Turning peripheral power rails on or off to save energy. --- ### 5. Replacement & Equivalents When looking for an equivalent, focus on these parameters: 1. **Drain-Source Voltage ($V_{DSS}$):** Must be equal or higher. 2. **Continuous Drain Current ($I_D$):** Must be equal or higher. 3. **Gate Charge ($Q_g$):** Should be similar to ensure the existing driver circuit can switch it fast enough.
    ✨ Follow-up Questions
    • ⤷ What is the exact On-Resistance (RDS(on)) value for this specific model?
    • ⤷ Is the M3H45TDG-R pin-compatible with the TO-220 package?
    • ⤷ Can this MOSFET be used in a 24V industrial system safely?