công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H45FBG-R

  • AI
    The **M3H45FBG-R** is a high-performance, N-channel enhancement mode Power MOSFET commonly used in automotive and industrial power management applications. It is designed to handle high current loads while maintaining low thermal resistance. ### 1. Key Technical Specifications Below are the primary electrical characteristics of the M3H45FBG-R: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 45 | V | | **Continuous Drain Current** | $I_D$ | 100 - 120* | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~0.8 - 1.2 | mΩ | | **Gate-Source Voltage** | $V_{GS}$ | ±20 | V | | **Total Gate Charge** | $Q_g$ | ~70 - 90 | nC | | **Package Type** | - | SOP Advance / DFN | - | *\*Current rating depends heavily on PCB cooling and thermal management.* --- ### 2. Core Functional Features * **Low $R_{DS(on)}$:** The extremely low "on-resistance" minimizes power dissipation during the conduction state, improving overall system efficiency and reducing heat. * **High Speed Switching:** Designed for applications requiring high-frequency operation, such as DC-DC converters. * **AEC-Q101 Compliance:** This part is typically automotive-grade, meaning it has undergone rigorous stress testing for reliability in harsh environments. * **Thin Package Design:** Usually housed in a surface-mount package (like SOP Advance) to save board space while providing excellent heat dissipation through a thermal pad. --- ### 3. Pin Configuration and Internal Logic The device follows a standard MOSFET structure: 1. **Gate (G):** Controls the state of the MOSFET (On/Off). 2. **Drain (D):** The terminal where the current enters. 3. **Source (S):** The terminal where the current exits. ```mermaid graph TD Gate -->|Voltage Threshold| Channel Drain --- Channel Channel --- Source ``` --- ### 4. Typical Applications The M3H45FBG-R is most frequently found in: * **Automotive Systems:** Power steering, ABS, and fuel injection systems. * **Motor Control:** Brushless DC (BLDC) motor drivers. * **Power Supplies:** Synchronous rectification in high-efficiency AC-DC and DC-DC converters. * **Battery Protection:** Disconnect switches for high-current battery packs. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the M3H45FBG-R at 100A?
    • ⤷ Can this MOSFET be used for high-side switching in a 24V system?
    • ⤷ What is the typical gate threshold voltage (Vgs(th)) for this specific part?