công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H44TDD-R

  • AI
    The **M3H44TDD-R** is a specific part number typically associated with **DDR4 SDRAM Memory Modules**, often produced by manufacturers like SK Hynix or used in specific server/workstation configurations. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Technical Specifications The part number usually refers to a **VLP (Very Low Profile) Registered DIMM**. Here are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR4 SDRAM | | **Form Factor** | 288-pin R-DIMM (Registered) | | **Capacity** | 32GB (Commonly) | | **Voltage** | 1.2V (Low Voltage) | | **ECC Support** | Yes (Error Correction Code) | | **Height** | VLP (Approx. 18.75mm) | --- ### 2. Key Electronic Components A module like the M3H44TDD-R consists of several critical integrated circuits (ICs) and discrete components: #### A. DRAM Chips (The Cells) These are the primary storage components. In a 32GB module, you will see multiple high-density CMOS chips soldered to the PCB. They use **Differential Signaling** for data strobes to minimize noise. #### B. Registering Clock Driver (RCD) As a "Registered" DIMM, this part includes an RCD chip. * **Function:** It buffers the address and command signals from the memory controller. * **Benefit:** Reduces the electrical load on the CPU's memory controller, allowing for more stable operation when multiple DIMMs are installed. #### C. Serial Presence Detect (SPD) EEPROM A small 8-pin chip located on the module. * **Function:** Stores the timing parameters (CAS latency, frequency) and manufacturer data. * **Communication:** The BIOS/UEFI reads this via the **I2C/SMBus** protocol to configure the system correctly. #### D. Power Management Components * **Decoupling Capacitors:** Small MLCCs (Multi-Layer Ceramic Capacitors) placed near each DRAM chip to filter high-frequency noise and stabilize the 1.2V power rail. * **Termination Resistors:** Used to manage signal integrity and prevent signal reflection on the high-speed data lines. --- ### 3. Physical Layout The "TDD" and "VLP" designations indicate a specific physical architecture designed for high-density environments (like 1U blade servers). * **PCB Layers:** Usually 8 to 10 layers of FR4 material to accommodate the complex routing of the 288 pins. * **Gold Fingers:** The contact points are plated with hard gold over nickel to ensure durability and high conductivity over repeated insertions. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between VLP and standard height RAM modules?
    • ⤷ How does ECC technology improve reliability in the M3H44TDD-R?
    • ⤷ Which server brands typically use this specific memory part number?