công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H44TCG-R

  • AI
    The **M3H44TCG-R** is a high-performance power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically manufactured by **Toshiba**. It belongs to the **U-MOSIX-H** series, which is designed for high efficiency and high-speed switching applications. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the M3H44TCG-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 40 V | | **Continuous Drain Current** | $I_D$ | 150 A | | **On-Resistance (Max)** | $R_{DS(ON)}$ | 0.44 mΩ (@ $V_{GS}$ = 10V) | | **Gate Threshold Voltage** | $V_{th}$ | 2.0 V to 3.0 V | | **Package Type** | TSON Advance | 8-pin Surface Mount | | **Operating Temperature** | $T_{ch}$ | Up to 175 °C | --- ### 2. Core Functional Parts To understand this electronic component, it is helpful to look at its internal and structural features: #### A. The N-Channel MOSFET Structure The M3H44TCG-R is an **N-channel** device. This means that the majority of carriers are electrons, which generally allows for lower on-resistance compared to P-channel devices of the same size. #### B. U-MOS IX-H Technology This refers to the "Trench" gate structure. Instead of a planar gate, the gate is buried in a trench. This: * Increases cell density. * Drastically reduces **$R_{DS(ON)}$** (conduction loss). * Reduces gate charge ($Q_g$), allowing for faster switching. #### C. TSON Advance Package The physical housing of the part is designed for thermal efficiency. It features a large "Exposed Pad" on the bottom, which acts as a heat sink connection to the PCB, allowing the part to handle up to 150A without melting. --- ### 3. Application Use Cases This part is primarily used in power management circuits where high current and low heat generation are critical: 1. **DC-DC Converters:** Used as the switching element in buck or boost converters for computers and servers. 2. **Motor Drives:** Controlling BLDC (Brushless DC) motors in industrial tools or automotive components. 3. **Load Switching:** Acting as an electronic fuse to turn power on/off for high-power subsystems. 4. **Battery Management Systems (BMS):** Providing protection and switching for high-capacity battery packs. --- ### 4. Circuit Symbol Representation In a schematic, the M3H44TCG-R is represented by a standard N-channel enhancement mode symbol: ```text Drain (D) | +-----+-----+ | | | Gate--| |<----+ (Internal Diode) (G) | | | +-----+-----+ | Source (S) ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the TSON Advance package at 150A?
    • ⤷ How does the RDS(ON) of this part change with temperature?
    • ⤷ What is the recommended gate drive voltage for optimal switching?