M3H43TCG-R
AI

## Analysis of the M3H43TCG-R
The **M3H43TCG-R** refers to a specific part number within the **M3H Group** of microcontrollers produced by **Toshiba**. These are based on the ARM® Cortex®-M3 core and are designed for high-speed data processing and consumer/industrial device control.
---
### 1. Key Technical Specifications
The following table outlines the core electronic characteristics of the M3H43TCG-R:
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 40 MHz to 80 MHz (Series dependent) |
| **Flash Memory** | 128 KB |
| **RAM** | 12 | 16 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP64 (10mm x 10mm) |
| **Temperature Range** | -40°C to 85°C |
---
### 2. Integrated Electronic Components
The M3H43TCG-R integrates several hardware blocks on a single chip to manage complex electronic tasks:
#### A. Analog-to-Digital Converter (ADC)
* **Resolution:** 12-bit.
* **Function:** Converts analog signals from sensors (temperature, pressure) into digital data for the processor.
* **Speed:** High-speed conversion suitable for motor control.
#### B. Timers and PWM
* Includes **TADV (Advanced Timer)** modules.
* Specifically designed for **Pulse Width Modulation (PWM)**, which is essential for controlling motor speed and LED brightness.
#### C. Communication Interfaces
The chip supports standard industrial protocols to communicate with other electronic parts:
* **UART:** For serial communication.
* **I2C:** For peripheral sensor communication.
* **TSPI:** Toshiba Serial Peripheral Interface (high-speed data exchange).
#### D. Safety and Reliability Features
* **Clock Selective Level:** Ensures stable operation.
* **RAM Parity:** Detects memory errors.
* **LVD (Low Voltage Detection):** Resets the system if power drops below a safe threshold to prevent malfunction.
---
### 3. Common Applications
Due to its balanced performance and power consumption, the M3H43TCG-R is typically found in:
1. **Home Appliances:** Washing machines and air conditioners (motor control).
2. **Office Automation:** Printers and scanners.
3. **Industrial Equipment:** Small-scale factory automation sensors and controllers.
---
### 4. Programming Example (Peripheral Init Concept)
Developers typically interact with the internal registers using C. Below is a conceptual snippet for initializing a GPIO pin on this architecture:
```c
#include "TXZ_M3H.h"
void GPIO_Setup(void) {
// Enable clock for Port G
TSB_CG_FSYSENA_IPENA12 = 1;
// Set PG0 as output
TSB_PG->CR = 0x01;
// Write High to PG0
TSB_PG->DATA = 0x01;
}
```
---
- ⤷
What are the power consumption levels of the M3H43TCG-R in sleep mode?
- ⤷ Does this microcontroller support hardware-based motor control acceleration?
- ⤷ What are the pin-compatible alternatives to the LQFP64 package for this series?