M3H41TDD-R
AI

The **M3H41TDD-R** is a specific part number belonging to the **M3H Group** of microcontrollers developed by **Toshiba**. These are 32-bit microcontrollers based on the **ARM® Cortex®-M3** core, designed specifically for motor control and industrial automation applications.
---
## 1. Technical Specifications
The "TDD" and "R" suffixes in the part number refer to specific package types, memory configurations, and tape-and-reel shipping methods. Below is the general technical profile:
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 40 MHz to 80 MHz (Series dependent) |
| **Operating Voltage** | 2.7V to 5.5V |
| **Flash Memory** | 32 KB to 128 KB (Part specific) |
| **RAM** | 6 KB to 16 KB |
| **Package Type** | LQFP (Low-profile Quad Flat Package) |
| **I/O Pins** | High-current drive capability |
---
## 2. Key Internal Components
The internal architecture is optimized for high-efficiency motor control:
### A. Advanced Programmable Motor Control (A-PMD)
This is a dedicated hardware block used to generate 3-phase PWM (Pulse Width Modulation) signals. It includes:
* **Three-phase complementary PWM output.**
* **Dead-time insertion** to prevent short circuits in power stages.
* **Emergency stop input** for safety.
### B. High-Speed 12-bit ADC
The microcontroller features a high-speed Analog-to-Digital Converter (ADC) synchronized with the PMD. This allows for precise current sensing, which is critical for **Field Oriented Control (FOC)** in brushless motors.
### C. Vector Engine (VE) / Hardware Accelerators
While higher-end models in the M3H family include a dedicated Vector Engine, the M3H4 series focuses on low-power, cost-effective execution of trigonometric functions used in motor algorithms.
---
## 3. Communication & Peripheral Interfaces
To interact with other electronic components, the M3H41TDD-R includes:
* **UART/SIO:** For serial communication with sensors or PCs.
* **I2C:** For connecting to EEPROMs or digital sensors.
* **TSPI (Toshiba Serial Peripheral Interface):** A high-speed SPI-compatible interface for flash memory or displays.
* **Timers:** 16-bit timers for event counting and signal generation.
---
## 4. Application Areas
The electronic design of this chip makes it suitable for:
1. **Consumer Electronics:** Washing machines, air conditioners (fan control).
2. **Industrial:** Small pumps, fans, and conveyor belts.
3. **Office Automation:** Printers and scanners.
---
## 5. Part Number Breakdown (Typical Toshiba Naming)
| Segment | Meaning |
| :--- | :--- |
| **M3H** | Family Name (ARM Cortex-M3 High-speed) |
| **4** | Group Number (Determines peripheral set) |
| **1** | Memory Density Code |
| **TDD** | Package Code (usually LQFP variant) |
| **R** | Packing Style (Tape and Reel) |
- ⤷
What is the maximum clock frequency supported by the M3H41TDD-R?
- ⤷ Does this microcontroller support CAN bus communication?
- ⤷ What development tools are recommended for programming Toshiba M3H series MCUs?