M3H38FDD-R
AI

The **M3H38FDD-R** belongs to the **M3H Group** of the TXZ+ Family Advanced Series, manufactured by **Toshiba**. This microcontroller is based on the ARM® Cortex®-M3 core and is designed for high-performance motor control and consumer electronics.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory** | 512 KB |
| **RAM** | 64 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP100 (14x14mm) |
| **Temperature Range** | -40°C to 85°C |
---
### 2. Core Functional Blocks
The "Electronic Parts" or internal peripherals of this MCU are optimized for real-time applications:
#### A. Analog-to-Digital Converter (ADC)
* **High Speed:** Equipped with 12-bit ADC units.
* **Conversion Time:** Capable of high-speed sampling (approx. 1.0 $\mu$s conversion time), essential for monitoring motor current and voltage in real-time.
#### B. Advanced Programmable Motor Control (A-PMD)
* This is a specialized circuit for generating 3-phase PWM waveforms.
* It includes a **dead-time insertion** feature to prevent short circuits in inverter bridges.
* It can be synchronized with the ADC to trigger measurements at specific points in the PWM cycle.
#### C. Connectivity and Interfaces
* **UART/SIO:** For standard asynchronous communication.
* **I2C/EI2C:** For peripheral sensor interfacing.
* **TSPI:** High-speed serial peripheral interface.
#### D. Safety and Reliability
* **Hardware CRC:** Used for memory integrity checks.
* **Watchdog Timer:** Prevents system hang-ups.
* **LVD (Low Voltage Detection):** Triggers a reset or interrupt if the power supply drops below a safe threshold.
---
### 3. Application Use Cases
Due to its high clock speed and specialized motor control timers, the M3H38FDD-R is commonly found in:
1. **Home Appliances:** Washing machines, air conditioners (inverter control).
2. **Industrial Equipment:** Small-scale factory automation and pump controllers.
3. **Consumer Electronics:** Devices requiring precise motion control and high-efficiency power management.
---
### 4. Part Number Decoder (Breakdown)
* **M3H:** Group name (Cortex-M3 High-speed).
* **38:** Indicates specific pin count and feature set.
* **F:** 512 KB Flash memory.
* **DD:** Package and specific sub-version identifiers.
* **R:** Tape and Reel packaging (commercial delivery format).
- ⤷
What are the power consumption profiles for the M3H38FDD-R in sleep mode?
- ⤷ Does this microcontroller support Field Oriented Control (FOC) for brushless motors?
- ⤷ What development tools or IDEs are compatible with Toshiba TXZ+ series?