công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H36TAD-R

  • AI
    The **M3H36TAD-R** is a high-performance **Magnetic Angle Sensor IC** developed by Mitsubishi Electric. It is primarily designed for high-precision detection of the angular position of a rotating magnet, making it ideal for automotive and industrial motion control applications. ### 1. Technical Specifications Overview | Parameter | Specification Details | | :--- | :--- | | **Technology** | Giant Magnetoresistive (GMR) | | **Supply Voltage (Vcc)** | 3.0V to 5.5V | | **Angle Range** | 0° to 360° (Full Rotation) | | **Output Type** | Analog (Sin/Cos differential signals) | | **Operating Temperature** | -40°C to +150°C (Automotive Grade) | | **Package Type** | TSSOP-8 or similar compact surface mount | --- ### 2. Key Electronic Components & Functions The device operates using integrated GMR elements and signal processing circuitry. Here is a breakdown of the internal electronic architecture: #### A. GMR Sensor Bridge The core of the chip consists of **Giant Magnetoresistive** elements arranged in a Wheatstone bridge configuration. When a magnetic field rotates above the sensor: * The resistance of the GMR elements changes based on the orientation of the magnetic flux. * It generates two differential output voltages representing the **Sine** and **Cosine** components of the angle. #### B. Signal Conditioning The internal circuitry includes: * **Temperature Compensation:** Ensures the output remains stable despite the high heat often found in engine compartments or industrial motors. * **Amplification:** Boosts the small voltage changes from the GMR bridge to a usable analog level. #### C. ESD Protection The "R" suffix often denotes specific reel packaging or enhanced robustness. The IC includes built-in Electrostatic Discharge (ESD) protection to withstand the electrical noise typical in automotive environments. --- ### 3. Connection Diagram (General Pinout) Typically, the M3H36TAD-R follows a standard differential output pinout: ```markdown 1. Vcc (Power Supply) 2. SIN+ (Positive Sine Output) 3. SIN- (Negative Sine Output) 4. GND (Ground) 5. COS- (Negative Cosine Output) 6. COS+ (Positive Cosine Output) 7. TEST (Factory use only) 8. NC (No Connection) ``` --- ### 4. Typical Applications Due to its high reliability and precision, the M3H36TAD-R is found in: * **Electric Power Steering (EPS):** Sensing the steering wheel angle. * **Throttle Position Sensors:** Monitoring the opening angle of the engine throttle. * **Brushless DC (BLDC) Motors:** Providing feedback for commutation. * **Wiper Motors:** Ensuring precise start/stop positioning.
    ✨ Follow-up Questions
    • ⤷What is the difference between GMR and Hall-effect sensors in angle detection?
    • ⤷ How do I calculate the absolute angle from the Sin/Cos analog outputs?
    • ⤷ What are the recommended magnets to use with the M3H36TAD-R?