công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H34FCD-R

  • AI
    The **M3H34FCD-R** belongs to the **M3H Group** of the TXZ+™ Family Advanced Class, manufactured by **Toshiba**. This is a 32-bit microcontroller based on the ARM® Cortex®-M3 core, designed specifically for motor control and industrial automation. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the M3H34FCD-R: | Parameter | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **RAM** | 64 KB (including Backup RAM) | | **Operating Voltage** | 2.7V to 5.5V | | **I/O Count** | Up to 104 pins (depending on package) | | **Package Type** | LQFP100 (14x14mm) | --- ### 2. Core Functional Blocks The "electronic parts" within this MCU are integrated circuits designed for high-precision control: #### A. Analog-to-Digital Converters (ADC) * **Resolution:** 12-bit. * **Speed:** High-speed conversion (approx. 1.0 $\mu$s). * **Usage:** Used to monitor current sensors, temperature sensors, and voltage rails for real-time feedback loops. #### B. Advanced Programmable Motor Control (A-PMD) * This is a specialized hardware block that handles Three-phase PWM output. * It supports **interlocking functions** (dead time insertion) to prevent short circuits in power inverter stages. #### C. Communication Interfaces The chip integrates several peripheral controllers: * **UART/SIO:** For serial data transmission. * **I2C:** For peripheral sensor communication. * **TSPI:** High-speed Serial Peripheral Interface. #### D. Safety and Reliability Features * **Self-Diagnosis:** Hardware functions to detect clock failures or memory errors. * **LVD (Low Voltage Detection):** Triggers a reset or interrupt if the power supply drops below a stable threshold. --- ### 3. Application Use-Cases Because of its 5V operation capability and high-speed processing, the M3H34FCD-R is commonly found in: 1. **Consumer Electronics:** Air conditioner outdoor units, washing machines. 2. **Industrial Equipment:** General-purpose inverters, PLC (Programmable Logic Controllers). 3. **Office Automation:** High-speed printers and copiers. --- ### 4. Part Number Decoder Understanding the "M3H34FCD-R" nomenclature: * **M3H:** Group name (Cortex-M3 High-speed). * **4:** Pin count code (100 pins). * **F:** Flash memory size (512 KB). * **C:** Package code. * **D:** Version/Revision code. * **-R:** Indicates "Tape and Reel" packaging for automated SMT assembly.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M3H34FCD-R in sleep mode?
    • ⤷ Does this microcontroller support CAN bus communication for automotive or industrial networking?
    • ⤷ What development tools or IDEs are recommended for programming Toshiba TXZ+ microcontrollers?