công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H33FBG-R

  • AI
    The **M3H33FBG-R** is an N-Channel Enhancement Mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **UBIQ (uPI Semiconductor)**. It is primarily designed for high-efficiency power management applications, such as DC-DC converters and motor controllers. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics typically found in the datasheet for this component: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 30 | V | | **Gate-Source Voltage** | $V_{GS}$ | ±20 | V | | **Continuous Drain Current** | $I_D$ | 60 - 80* | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~2.5 - 3.5 | mΩ | | **Total Gate Charge** | $Q_g$ | ~25 - 35 | nC | | **Package Type** | - | PDFN 5x6 | - | *\*Current ratings may vary slightly based on thermal dissipation and PCB mounting.* --- ### 2. Physical Characteristics & Package The "FBG" suffix generally refers to the **PDFN 5x6** (Power Dual Flat No-lead) package. * **Compact Footprint:** Small size suitable for high-density board layouts. * **Thermal Performance:** The bottom of the package features a large exposed pad for efficient heat transfer to the PCB. * **Surface Mount:** Designed for automated SMT (Surface Mount Technology) assembly. --- ### 3. Core Features 1. **Low $R_{DS(on)}$:** The very low internal resistance minimizes power loss during the "ON" state, reducing heat generation and improving efficiency. 2. **High-Speed Switching:** Optimized gate charge allows the transistor to turn on and off rapidly, which is essential for high-frequency switching power supplies. 3. **Advanced Trench Technology:** Uses modern fabrication techniques to pack more cells into a smaller area, improving current density. --- ### 4. Common Applications * **Motherboards & Servers:** Used in VRM (Voltage Regulator Module) circuits to step down voltage for CPUs and GPUs. * **Battery Management Systems (BMS):** Acts as a switch for charging/discharging protection. * **DC-DC Converters:** Found in point-of-load power supplies. * **Motor Drivers:** Controlling small brushless DC (BLDC) motors. --- ### 5. Identification & Marking The part is often marked with a shorthand code on the physical casing. Ensure that when replacing this part, you match the **SOP-8** or **PDFN 5x6** footprint exactly, as variations in the suffix can sometimes indicate different pinouts or thermal pads.
    ✨ Follow-up Questions
    • ⤷What are the recommended equivalent alternatives for the M3H33FBG-R?
    • ⤷ How does the gate threshold voltage (Vgs(th)) affect its performance in 5V logic circuits?
    • ⤷ What is the safe operating temperature range for this MOSFET?