công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H32TBD-R

  • AI
    The **M3H32TBD-R** is a high-performance power semiconductor module, typically identified as a **Thyristor (SCR) / Diode Module**. These components are essential in industrial power electronics for controlling large amounts of electrical energy. --- ## 1. Technical Specifications Overview Based on standard naming conventions for these power modules, here are the primary electrical characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Thyristor/Diode Module (Hybrid) | | **Max Voltage ($V_{RRM}$)** | 1600V - 2200V (Application dependent) | | **Average Current ($I_{T(AV)}$)** | High Amperage (typically 200A - 500A range) | | **Configuration** | Series connection (Thyristor and Diode in one pack) | | **Cooling Method** | Isolated baseplate for heatsink mounting | | **Package Style** | Bolt-on industrial power module | --- ## 2. Key Electronic Components ### A. The Silicon Controlled Rectifier (Thyristor) The "T" in the part number often signifies the integration of a **Thyristor**. * **Function:** Acts as a solid-state switch. It remains "off" until a small current pulse is applied to the **Gate** terminal. * **Controllability:** Unlike a standard diode, it allows for phase control, enabling the user to adjust the output voltage in DC motor drives or heating controllers. ### B. The Power Diode * **Function:** Provides uncontrolled rectification. In many bridge configurations, diodes are paired with thyristors to reduce cost and complexity while allowing for half-controlled rectification. * **Durability:** Built to handle high surge currents ($I_{FSM}$) without failing. ### C. Electrical Isolation * The internal silicon chips are mounted on a **Direct Copper Bonded (DCB)** ceramic substrate (usually Alumina). * **Benefit:** This provides high electrical isolation (typically 2500V AC or higher) between the active terminals and the metal baseplate, allowing multiple modules to be mounted on the same grounded heatsink. --- ## 3. Circuit Configuration This module is frequently used in a **Half-Bridge** or **Series** configuration. ```text Terminal 1 (Anode/Cathode Junction) | +-------+-------+ | | [Thyristor] [Diode] | | Terminal 2 Terminal 3 ``` --- ## 4. Common Applications Due to its robust construction, the M3H32TBD-R is found in: 1. **Industrial Motor Drives:** For soft-starting AC motors or controlling DC motor speeds. 2. **Power Supplies:** Large scale battery chargers and Uninterruptible Power Supplies (UPS). 3. **Welding Equipment:** Providing stable DC current for high-power arc welding. 4. **Temperature Control:** Regulating high-current resistive heating elements in furnaces. --- ## 5. Maintenance and Safety * **Thermal Paste:** Always apply a thin layer of thermal interface material (TIM) between the module and the heatsink. * **Torque Settings:** Use a torque wrench when tightening the electrical terminals to avoid cracking the internal ceramic or causing high-resistance hot spots. * **Snubber Circuits:** External RC snubber circuits are usually recommended to protect the module from voltage spikes ($dv/dt$).
    ✨ Follow-up Questions
    • ⤷What is the specific gate trigger current required for this module?
    • ⤷ How does this module differ from a standard bridge rectifier?
    • ⤷ What are the recommended thermal interface materials for mounting this module?