M3H32FBG-R
AI

The **M3H32FBG-R** is an integrated circuit (IC) manufactured by **Toshiba**. It belongs to the **TXZ+™ Family Advanced Class**, specifically based on the **ARM® Cortex®-M3** core. This microcontroller (MCU) is designed for high-performance motor control and consumer electronics.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory** | 128 KB |
| **RAM** | 16 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP32 (7mm x 7mm) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Specialized Electronic Subsystems
The "FBG-R" variant is optimized for efficiency and precision in embedded applications:
#### A. Advanced Programmable Motor Control (A-PMD)
This is a dedicated hardware block designed to control 3-phase BLDC (Brushless DC) motors. It handles:
* PWM signal generation.
* Dead-time insertion to prevent short circuits.
* Synchronization with the ADC for current sensing.
#### B. High-Speed Analog Components
The chip includes high-performance analog peripherals to interface with sensors:
* **ADC:** 12-bit Analog-to-Digital Converter with high-speed conversion (approx. 1.5 µs).
* **Operational Amplifiers:** Integrated for signal conditioning.
* **Comparators:** For over-current protection and zero-crossing detection.
#### C. Communication Interfaces
It supports standard industrial protocols:
* **UART:** For serial communication.
* **I2C:** For peripheral interfacing.
* **TSPI:** Toshiba Serial Peripheral Interface (high-speed SPI).
---
### 3. Application Use Cases
Due to its high clock speed (120MHz) and integrated motor control logic, the M3H32FBG-R is typically used in:
1. **Small Home Appliances:** Vacuum cleaners, fans, and hair dryers.
2. **Office Automation:** Printers and small actuators.
3. **Industrial Equipment:** Small-scale pump controllers and fans.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **M3H** | Group Name (ARM Cortex-M3 High-speed) |
| **32** | Pin Count (32 pins) |
| **F** | Flash Memory Size (128 KB) |
| **BG** | Package Code (LQFP) |
| **-R** | Tape and Reel packaging |
- ⤷What are the power consumption characteristics of the M3H32FBG-R?
- ⤷ How does the A-PMD block simplify motor control code?
- ⤷ Are there development boards available for the Toshiba TXZ+ series?