công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H31TCG-R

  • AI
    The **M3H31TCG-R** is a specific technical part number, typically associated with high-performance electronic components used in automotive or industrial control systems. Based on the nomenclature, this part belongs to the **M3H series** of microcontrollers developed by **Toshiba**, based on the ARM® Cortex®-M3 core. --- ### 1. Core Technical Specifications The M3H group is designed for low-power consumption and high-speed data processing. Below are the typical specifications for this category of IC: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 40 MHz to 80 MHz (depending on specific revision) | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP (Low-profile Quad Flat Package) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Internal Components The "Electronic Parts" within this integrated circuit (IC) consist of several functional blocks: * **Memory Architecture:** * **Flash Memory:** Stores the application code (Non-volatile). * **SRAM:** High-speed data storage for variables and stack operations. * **Analog-to-Digital Converter (ADC):** * Usually features a 12-bit resolution ADC for interfacing with analog sensors. * **Timers and PWM:** * Includes high-resolution timers used for **Motor Control** and Pulse Width Modulation (PWM) to drive actuators. * **Communication Interfaces:** * **UART/I2C/SPI:** Standard protocols for communicating with other onboard chips. * **CAN Bus:** Common in versions used for automotive or factory automation. --- ### 3. Part Number Decoder (M3H31TCG-R) While exact manufacturer suffixes can vary, here is the standard breakdown for this series: 1. **M3H:** The product group (ARM Cortex-M3 High-speed). 2. **31:** Specific sub-family or memory density indicator. 3. **T:** Often indicates temperature range or specific functional pin-out. 4. **CG:** Packaging code (e.g., specific LQFP pin count). 5. **-R:** Generally indicates **Tape & Reel** packaging for automated assembly (SMT). --- ### 4. Applications This component is typically found in: * **Motor Control:** Brushless DC (BLDC) motor drivers. * **Home Appliances:** Control boards for washing machines or air conditioners. * **Industrial Automation:** Sensor hubs and PLC (Programmable Logic Controller) modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific Flash memory capacity of the M3H31 series?
    • ⤷ Can this microcontroller be used in automotive safety-critical systems?
    • ⤷ What are the pin-out differences between the CG and FG package variants?