AI

The **M3H31TBD-R** belongs to the **M3H Group** of microcontrollers developed by **Toshiba Electronic Devices & Storage Corporation**. These MCUs are based on the high-performance ARM® Cortex®-M3 core and are specifically engineered for motor control, industrial automation, and consumer electronics.
---
### 1. Core Architecture
The device is built around the industry-standard ARM architecture, balancing power efficiency with computational capability.
| Component | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | Up to 120 MHz |
| **Operating Voltage** | 2.7V to 5.5V |
| **Memory (Flash)** | 128 KB to 512 KB (Variant dependent) |
| **Memory (SRAM)** | 32 KB to 64 KB |
---
### 2. Key Electronic Features
The M3H series is distinguished by its high-precision analog integration and specialized timers for motor control.
#### A. High-Precision Analog Circuits
* **12-bit ADC:** Features a high-speed conversion rate (approx. 1.5 µs), allowing for precise sensor feedback in real-time systems.
* **DAC:** Includes a 10-bit Digital-to-Analog converter for signal generation.
#### B. Advanced Timer Unit (T32A)
* Equipped with a **32-bit Timer Event Counter**.
* Supports PWM (Pulse Width Modulation) output, essential for controlling Brushless DC (BLDC) motors and AC motors.
* Includes a specialized "Emergency Stop" function to shut down motor drivers during a fault.
#### C. Communication Interfaces
* **UART:** Universal Asynchronous Receiver/Transmitter for serial communication.
* **I2C:** For local chip-to-chip communication.
* **TSPI:** Toshiba Serial Peripheral Interface (high-speed SPI).
---
### 3. Application Use-Cases
The electronic design of the M3H31TBD-R makes it suitable for:
1. **Home Appliances:** Washing machines, air conditioners, and refrigerators.
2. **Industrial Equipment:** Small-scale industrial robots, pumps, and fans.
3. **Office Automation:** Printers and scanners where precise motor movement is required.
---
### 4. Technical Advantages
* **5V Support:** Unlike many Cortex-M3 MCUs that only support 3.3V, this part supports 5V, providing higher noise immunity in industrial environments.
* **DMA Controller:** Reduces CPU load by handling data transfers between peripherals and memory independently.
* **Low Power Consumption:** Features multiple power-down modes for energy-sensitive applications.
- ⤷
What are the specific pin count and package types available for the M3H31TBD-R?
- ⤷ How does the Advanced Programmable Motor Control (A-PMD) function within this MCU?
- ⤷ What development tools or IDEs are compatible with Toshiba's M3H group?