M3H28FAG-R
AI

The **M3H28FAG-R** is a high-performance, radiation-hardened (Rad-Hard) isolated DC-DC converter specifically designed for space, aerospace, and high-reliability defense applications. It is manufactured by **VPT Inc.** (part of HEICO Electronic Technologies).
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 50V DC (28V Nominal) |
| **Output Voltage** | Single 5V DC (Adjustable) |
| **Output Power** | Up to 25 Watts |
| **Efficiency** | Typically 80% to 84% |
| **Isolation** | 100MΩ @ 500VDC |
| **Operating Temp** | -55°C to +125°C |
---
### 2. Functional Electronic Components
The internal architecture of the M3H28FAG-R utilizes several critical electronic systems to ensure stability in harsh environments:
* **Magnetic Feedback Loop:** Unlike commercial converters that use optocouplers (which degrade under radiation), this unit uses a proprietary magnetic feedback system to maintain galvanic isolation and long-term reliability.
* **Input/Output Filters:** Integrated LC filters reduce conducted emissions and output ripple, ensuring high power quality for sensitive satellite payloads.
* **Protection Circuitry:**
* **Under-Voltage Lockout (UVLO):** Prevents the device from operating until the input voltage is high enough for stable regulation.
* **Current Limiting:** Protects the internal power MOSFETs and the load from short-circuit conditions.
* **Soft Start:** Gradually increases output voltage to prevent high inrush currents during startup.
---
### 3. Radiation Hardness & Reliability
The "R" suffix in the part number often denotes specific radiation testing levels.
* **TID (Total Ionizing Dose):** Characterized to withstand radiation levels typically up to **100 krad(Si)**.
* **SEE (Single Event Effects):** Designed to be immune to Single Event Latch-up (SEL) and resilient against Single Event Upsets (SEU) and Burnout (SEB) up to an LET of **82 MeV-cm²/mg**.
* **Packaging:** Housed in a hermetically sealed, low-profile metal case to prevent outgassing in vacuum environments.
---
### 4. Pin Configuration and Control Features
The device features specialized pins for system integration:
1. **Inhibit:** Allows the converter to be turned on/off remotely with a logic signal.
2. **Sync:** Allows the internal switching frequency to be synchronized with an external clock to manage EMI.
3. **Trim:** Permits the user to adjust the output voltage slightly (e.g., from 5V to 5.2V) to compensate for line drops.
---
- ⤷
What are the specific differences between the 'FAG' and 'S' series in VPT DC-DC converters?
- ⤷ How does magnetic feedback compare to opto-isolated feedback in space applications?
- ⤷ What are the mounting requirements for thermal management of this module?