M3H23FBD-R
AI

The **M3H23FBD-R** belongs to the **M3H Group** of microcontrollers within the **TXZ+™ Family Advanced Class**, manufactured by **Toshiba**. These microcontrollers are based on the ARM® Cortex®-M3 core and are specifically designed for high-performance motor control and consumer electronics.
---
### 1. Key Technical Specifications
| Feature | Specification |
|:---|:---|
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory** | 128 KB |
| **RAM** | 16 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP64 (10mm x 10mm) |
| **I/O Pins** | 51 pins |
---
### 2. Core Functional Blocks
#### A. High-Speed Analog Front-End
The M3H23FBD-R is equipped with a high-resolution **12-bit Analog-to-Digital Converter (ADC)**.
* **Sample Rate:** Approx. 1.5 μs conversion time.
* **Channels:** Up to 12 channels.
* **Purpose:** Crucial for reading sensor data, monitoring battery voltage, and precision motor current sensing.
#### B. Advanced Programmable Motor Control (A-PMD)
This is a specialized hardware block designed to reduce CPU load during motor operations:
* Three-phase PWM output.
* Dead-time insertion and emergency stop functions.
* Synchronized operation with the ADC for current sensing at specific PWM phases.
#### C. Communication Interfaces
The chip supports standard industrial and consumer protocols:
* **UART:** 4 channels for serial communication.
* **I2C:** 2 channels for peripheral interfacing.
* **TSPI:** 2 channels (Toshiba Serial Peripheral Interface) for high-speed data exchange.
---
### 3. Application Areas
Because of its high frequency (120MHz) and specialized motor control hardware, it is commonly found in:
1. **Home Appliances:** Washing machines, air conditioners (inverter control), and vacuum cleaners.
2. **Industrial Equipment:** Small-scale factory automation and pump controllers.
3. **Consumer Electronics:** Smart home devices requiring low power consumption but high peak performance.
---
### 4. Part Number Decoder (Quick Reference)
* **M3H:** ARM® Cortex®-M3 High-speed group.
* **23:** Specific sub-series identifier (Flash/RAM configuration).
* **F:** Flash Memory (128KB).
* **BD:** Package code (LQFP64).
* **-R:** Tape and Reel packaging (standard for automated SMT assembly).
- ⤷
What are the power consumption characteristics of the M3H23FBD-R in standby mode?
- ⤷ Does this microcontroller support hardware-based encryption or security features?
- ⤷ What development tools or IDEs are recommended for programming the TXZ+ series?