công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H22FBG-R

  • AI
    The **M3H22FBG-R** is part of the **M3H Group** of microcontrollers based on the Arm® Cortex®-M3 core, developed by **Toshiba**. This specific series is designed for motor control, consumer electronics, and industrial automation. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M3 | | **Max Frequency** | 40 MHz - 80 MHz (varies by sub-series) | | **Flash Memory** | 128 KB | | **SRAM** | 12 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP (Low-profile Quad Flat Package) | | **Pin Count** | 32 to 64 pins (FBG usually denotes a specific pin configuration) | --- ### 2. Core Features and Peripherals The M3H series is optimized for efficiency and precision control. Below are the primary electronic components integrated into the chip: #### A. Analog-to-Digital Converter (ADC) * **Resolution:** 12-bit SAR ADC. * **Purpose:** High-speed conversion for sensor feedback (e.g., temperature, voltage, or current monitoring). * **Feature:** Includes a "Sample & Hold" circuit to ensure accuracy in fast-changing signals. #### B. Motor Control Units * **Advanced Programmable Motor Control (A-PMD):** A dedicated hardware block that generates 3-phase PWM signals. * **Dead Time Control:** Prevents short circuits in external power MOSFETs or IGBTs. * **Emergency Stop:** Built-in protection to shut down PWM outputs if a fault is detected. #### C. Communication Interfaces The chip acts as a hub for various communication protocols: * **UART:** For serial communication with PCs or other MCUs. * **I2C:** For peripheral sensors and EEPROM. * **TSPI:** Toshiba Serial Peripheral Interface for high-speed data transfer. --- ### 3. Application Use Cases Due to its robust 5V support and motor control features, it is commonly found in: 1. **Home Appliances:** Washing machine motors, refrigerators, and air conditioner fans. 2. **Office Automation:** Printers and scanners. 3. **Industrial Equipment:** Small pumps, fans, and conveyor control systems. --- ### 4. Part Number Breakdown (Example) While exact suffix meanings can vary slightly by region, the naming convention generally follows: * **M3H:** Series (Arm Cortex-M3 High-performance). * **22:** Memory/Feature Density identifier. * **F:** Flash Memory type. * **BG:** Package type (LQFP). * **-R:** Standard packaging (typically Reel).
    ✨ Follow-up Questions
    • ⤷What are the power consumption characteristics of the M3H series in low-power modes?
    • ⤷ Which development tools or IDEs are compatible with the M3H22FBG-R?
    • ⤷ How does the A-PMD unit simplify 3-phase motor control?