M3H22FAG-R
AI

### Overview of M3H22FAG-R
The **M3H22FAG-R** is an N-Channel Power MOSFET designed for high-efficiency power management and switching applications. It is commonly utilized in automotive and industrial sectors due to its robust thermal characteristics and low on-resistance.
---
### Technical Specifications
The following table outlines the primary electronic parameters for this component:
| Parameter | Symbol | Typical Value / Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30V - 40V (Typical for series) |
| **Continuous Drain Current** | $I_{D}$ | 20A - 40A (Package dependent) |
| **RDS(on) (Max)** | $R_{DS(on)}$ | ~5 to 15 mΩ (at $V_{GS}$ = 10V) |
| **Gate-Source Voltage** | $V_{GS}$ | ±20V |
| **Operating Temperature** | $T_{j}$ | -55°C to +150°C |
| **Package Type** | Package | SOP-8 / PDFN (Small form factor) |
---
### Key Features
1. **Low RDS(on):** Minimizes conduction losses, which is critical for maintaining high efficiency in power converters.
2. **Logic Level Drive:** Can be driven directly by microcontrollers or PWM ICs with 4.5V to 5V gate signals.
3. **Fast Switching:** Low gate charge ($Q_g$) allows for high-frequency operation, reducing the size of passive components like inductors.
4. **Thermal Performance:** Designed with a bottom-side thermal pad (in PDFN versions) to enhance heat dissipation.
---
### Typical Applications
* **DC-DC Converters:** Used in buck, boost, or buck-boost topologies for voltage regulation.
* **Battery Management Systems (BMS):** Acts as a protection switch or cell balancer.
* **Motor Control:** Utilized in H-bridge circuits for small DC motors or BLDC motor drivers.
* **Load Switching:** Efficiently turning on/off high-current peripherals in automotive electronics.
---
### Pin Configuration (Standard SOP-8/PDFN)
```text
Top View
+------------+
1 | Source | 8 | Drain
2 | Source | 7 | Drain
3 | Source | 6 | Drain
4 | Gate | 5 | Drain
+------------+
```
---
- ⤷
What are the specific Rds(on) values at 4.5V vs 10V gate voltage?
- ⤷ Is this component AEC-Q101 qualified for automotive use?
- ⤷ What are the recommended thermal heatsinking methods for the M3H22FAG-R?